Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C4008F-20L Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS5C4008F-20L
Description  512K x 8 SRAM SRAM MEMORY ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C4008F-20L Datasheet(HTML) 3 Page - Austin Semiconductor

  AS5C4008F-20L Datasheet HTML 1Page - Austin Semiconductor AS5C4008F-20L Datasheet HTML 2Page - Austin Semiconductor AS5C4008F-20L Datasheet HTML 3Page - Austin Semiconductor AS5C4008F-20L Datasheet HTML 4Page - Austin Semiconductor AS5C4008F-20L Datasheet HTML 5Page - Austin Semiconductor AS5C4008F-20L Datasheet HTML 6Page - Austin Semiconductor AS5C4008F-20L Datasheet HTML 7Page - Austin Semiconductor AS5C4008F-20L Datasheet HTML 8Page - Austin Semiconductor AS5C4008F-20L Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C4008
AS5C4008
Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss...................-.5V to +7.0V
Storage Temperature ............................................-65
°C to +150°C
Short Circuit Output Current (per I/O)….............................20mA
Voltage on any Pin Relative to Vss......................-.5V to Vcc+1 V
Maximum Junction Temperature**....................................+150
°C
*Stresses greater than those listed under "Absolute
Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional opera-
tion of the device at these or any other conditions above
those indicated in the operation section of this specifica-
tion is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
** Junction temperature depends upon package type,
cycle time, loading, ambient temperature and airflow.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC<T
A<125
oC or -40oC to +85oC; Vcc = 5V +10%)
CAPACITANCE
PARAMETER
CONDITION
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.2
VCC +0.5
V1
Input Low (Logic 0) Voltage
VIL
-0.5
0.8
V
1, 2
Input Leakage Current
OV < VIN < Vcc
ILI
-10
10
µΑ
Output Leakage Current
Output(s) disabled
OV < VOUT < Vcc
ILO
-10
10
µΑ
Output High Voltage
IOH = -4.0 mA
VOH
2.4
--
V
1
Output Low Voltage
IOL = 8.0 mA
VOL
---
0.4
V
1
Supply Voltage
Vcc
4.5
5.5
V
1
SYM
-12
-15
-17
-20
-25
-35
-45
UNITS NOTES
ICCSP
225
225
225
225
225
225
225
mA
3
L Version Only
ICCLP
180
180
180
180
180
180
180
mA
ISBTSP
60
60
60
60
60
60
60
mA
L Version Only
ISBTLP
30
30
30
30
30
30
30
mA
ISBCSP
25
25
25
25
25
25
25
mA
L Version Only
ISBCLP
10
10
10
10
10
10
10
mA
MAX
Power Supply Current:
Standby
PARAMETER
CE\ > VIH; Vcc = MAX
f = 0, Outputs Open
CE\ < VIL; Vcc = MAX
f = MAX = 1/tRC
Outputs Open
CE\ < VCC -0.2V; Vcc = MAX
VIN < Vss +0.2V or
VIN > Vcc -0.2V; f = 0
CONDITIONS
Power Supply Current:
Operating
PARAMETER
CONDITIONS
SYMBOL
MAX
UNITS
NOTES
Input Capacitance
CI
12
pF
4
Output Capactiance
Co
14
pF
4
TA = 25
oC, f = 1MHz
VIN = 0


Similar Part No. - AS5C4008F-20L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008F-20L/883C AUSTIN-AS5C4008F-20L/883C Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008F-20L/IT AUSTIN-AS5C4008F-20L/IT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008F-20L/XT AUSTIN-AS5C4008F-20L/XT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS5C4008F-20L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com