Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C512K8EC-12L Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS5C512K8EC-12L
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C512K8EC-12L Datasheet(HTML) 3 Page - Austin Semiconductor

  AS5C512K8EC-12L Datasheet HTML 1Page - Austin Semiconductor AS5C512K8EC-12L Datasheet HTML 2Page - Austin Semiconductor AS5C512K8EC-12L Datasheet HTML 3Page - Austin Semiconductor AS5C512K8EC-12L Datasheet HTML 4Page - Austin Semiconductor AS5C512K8EC-12L Datasheet HTML 5Page - Austin Semiconductor AS5C512K8EC-12L Datasheet HTML 6Page - Austin Semiconductor AS5C512K8EC-12L Datasheet HTML 7Page - Austin Semiconductor AS5C512K8EC-12L Datasheet HTML 8Page - Austin Semiconductor AS5C512K8EC-12L Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss
Vcc ..............................................................................-.5V to +7.0V
Storage Temperature (Plastic)......................-65
°C to +150°C
Storage Temperature (Ceramic)...................-55°C to +125°C
Short Circuit Output Current (per I/O)…........................20mA
Voltage on any Pin Relative to Vss.................-.5V to Vcc+1V
Maximum Junction Temperature**..............................+150
°C
Power Dissipation ................................................................1W
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow, and humidity.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A
< +125oC & -40oC < T
A
< +85oC ; Vcc = 5V +10%)
'(6&5,37,21
6<0        81,76 127(6
,&&63       
P$

/9HUVLRQ2QO\
,&&/3       
P$
,6%763       
P$
/9HUVLRQ2QO\
,6%7/3       
P$
,6%&63       
P$
/9HUVLRQ2QO\
,6%&/3       
P$
0$;
3RZHU6XSSO\
&XUUHQW6WDQGE\
&21',7,216
:(? &(?9,/9FF
0$;
I
0$;
W5&
2XWSXWV2SHQ
&(?! 9,+$OORWKHULQSXWV 9,/
9FF
0$;I

2XWSXWV2SHQ
&(?! 9FF99FF
0$;
9,19VV9RU
9,1!9FF9I

3RZHU6XSSO\
&XUUHQW2SHUDWLQJ







    


 


    




 
   
 !  ! 



μ"
#   
# $ %$&'
 !  ! 



μ"
#  
 ( ) *"

)



#  
 (*"


)


+, 

)



CAPACITANCE
PARAMETER
CONDITIONS
SYMBOL
MAX
UNITS
NOTES
Input Capacitance
CI
12
pF
4
Output Capactiance
Co
14
pF
4
TA = 25
oC, f = 1MHz
VIN = 0


Similar Part No. - AS5C512K8EC-12L

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5C512K8EC-12L MICROSS-AS5C512K8EC-12L Datasheet
719Kb / 19P
   RoHS Compliant Options Available
More results

Similar Description - AS5C512K8EC-12L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C512K8 AUSTIN-AS5C512K8 Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC512K8 AUSTIN-AS5LC512K8_09 Datasheet
306Kb / 13P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5LC512K8 AUSTIN-AS5LC512K8 Datasheet
285Kb / 12P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com