Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C512K8ECJ-15 Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS5C512K8ECJ-15
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C512K8ECJ-15 Datasheet(HTML) 1 Page - Austin Semiconductor

  AS5C512K8ECJ-15 Datasheet HTML 1Page - Austin Semiconductor AS5C512K8ECJ-15 Datasheet HTML 2Page - Austin Semiconductor AS5C512K8ECJ-15 Datasheet HTML 3Page - Austin Semiconductor AS5C512K8ECJ-15 Datasheet HTML 4Page - Austin Semiconductor AS5C512K8ECJ-15 Datasheet HTML 5Page - Austin Semiconductor AS5C512K8ECJ-15 Datasheet HTML 6Page - Austin Semiconductor AS5C512K8ECJ-15 Datasheet HTML 7Page - Austin Semiconductor AS5C512K8ECJ-15 Datasheet HTML 8Page - Austin Semiconductor AS5C512K8ECJ-15 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
• Ultra High Speed Asynchronous Operation
• Fully Static, No Clocks
• Multiple center power and ground pins for improved
noise immunity
• Easy memory expansion with CE\ and OE\
options
• All inputs and outputs are TTL-compatible
• Single +5V Power Supply +/- 10%
• Data Retention Functionality Testing
• Cost Efficient Plastic Packaging
• Extended Testing Over -55ºC to +125ºC for plastics
• Plastic 36 pin PSOJ is fully compatible with the
Ceramic 36 pin SOJ and offered in lead free finish
• 3.3V Future Offering
OPTIONS
MARKING
• Timing
12ns access
-12
15ns access
-15
17ns access
-17
20ns access
-20
25ns access
-25
35ns access
-35
45ns access
-45
• Operating Temperature Ranges
Full Military (-55oC to +125oC)
/883C
Military (-55oC to +125oC)
XT
Industrial (-40oC to +85oC)
IT
• Package(s)
Ceramic LCC
EC
Ceramic Flatpack
F
Plastic SOJ (Lead Free)*
DJ
Ceramic SOJ (attached formed lead) ECJ
Ceramic SOJ
SOJ
* Pb finish also available, contact factory
• 2V data retention/low power
L
PIN ASSIGNMENT
(Top View)
36-Pin SOJ (DJ, ECJ & SOJ)
36-Pin CLCC (EC)
GENERAL DESCRIPTION
The AS5C512K8 is a high speed SRAM. It offers flexibility in
high-speed memory applications, with chip enable (CE\) and output
enable (OE\) capabilities. These features can place the outputs in
High-Z for additional flexibility in system design.
Writing to these devices is accomplished when write enable (WE\)
and CE\ inputs are both LOW. Reading is accomplished when WE\
remains HIGH and CE\ and OE\ go LOW.
As a option, the device can be supplied offering a reduced power
standby mode, allowing system designers to meet low standby power
requirements. This device operates from a single +5V power supply
and all inputs and outputs are fully TTL-compatible.
The AS5C512K8DJ offers the convenience and reliability of the
AS5C512K8 SRAM and has the cost advantage of a durable plastic.
The AS5C512K8DJ is footprint compatible with 36 pin CSOJ
package of the SMD 5692-95600.
36-Pin Flat Pack (F)
AVAILABLE AS MILITARY
SPECIFICATIONS
•SMD 5962-95600
•SMD 5962-95613
•MIL-STD-883
512K x 8 SRAM
HIGH SPEED SRAM with
REVOLUTIONARY PINOUT
For more products and information
please visit our web site at
www.austinsemiconductor.com


Similar Part No. - AS5C512K8ECJ-15

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C512K8ECJ-15 AUSTIN-AS5C512K8ECJ-15 Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
logo
Micross Components
AS5C512K8ECJ-15 MICROSS-AS5C512K8ECJ-15 Datasheet
719Kb / 19P
   RoHS Compliant Options Available
AS5C512K8ECJ-15L MICROSS-AS5C512K8ECJ-15L Datasheet
719Kb / 19P
   RoHS Compliant Options Available
More results

Similar Description - AS5C512K8ECJ-15

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C512K8 AUSTIN-AS5C512K8 Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC512K8 AUSTIN-AS5LC512K8_09 Datasheet
306Kb / 13P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5LC512K8 AUSTIN-AS5LC512K8 Datasheet
285Kb / 12P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com