Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8E128K32 Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS8E128K32
Description  128K x 32 EEPROM EEPROM Memory Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8E128K32 Datasheet(HTML) 2 Page - Austin Semiconductor

  AS8E128K32 Datasheet HTML 1Page - Austin Semiconductor AS8E128K32 Datasheet HTML 2Page - Austin Semiconductor AS8E128K32 Datasheet HTML 3Page - Austin Semiconductor AS8E128K32 Datasheet HTML 4Page - Austin Semiconductor AS8E128K32 Datasheet HTML 5Page - Austin Semiconductor AS8E128K32 Datasheet HTML 6Page - Austin Semiconductor AS8E128K32 Datasheet HTML 7Page - Austin Semiconductor AS8E128K32 Datasheet HTML 8Page - Austin Semiconductor AS8E128K32 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS8E128K32
AS8E128K32
Rev. 7.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
of the last byte written will result in the complement of the written
data to be presented on I/O7. Once the write cycle has been com-
pleted, true data is valid on all outputs, and the next write cycle may
begin. DATA Polling may begin at anytime during the write cycle.
TOGGLE BIT
In addition to DATA Polling the module provides another method
for determining the end of a write cycle. During the write operation,
successive attempts to read data from the device will result in I/O6 of
the accessed die toggling between one and zero. Once the write has
completed, I/O6 will stop toggling and valid data will be read. Reading
the toggle bit may begin at any time during the write cycle.
DATA PROTECTION
If precautions are not taken, inadvertent writes may occur during
transitions of the host power supply. The E2 module has incorpo-
rated both hardware and software features that will protect the memory
against inadvertent writes.
HARDWARE PROTECTION
Hardware features protect against inadvertent writes to the mod-
ule in the following ways: (a) Vcc sense - if Vcc is below 3.8 V
(typical) the write function is inhibited; (b) Vcc power-on delay -
once Vcc has reached 3.8 V the device will automatically time out 5 ms
(typical) before allowing a write; (c) write inhibit - holding any one of
OE\ low, CE\ high or WE\ high inhibits write cycles; (d) noise filter -
pulses of less than 15 ns (typical) on the WE\ or CE\ inputs will not
initiate a write cycle.
SOFTWARE DATA PROTECTION
A software controlled data protection feature has been imple-
mented on the memory module. When enabled, the software data
protection (SDP), will prevent inadvertent writes. The SDP feature
may be enabled or disabled by the user and is shipped with SDP
disabled, SDP is enabled by the host system issuing a series of three
write commands; three specific bytes of data are written to three
specific addresses (refer to Software Data Protection Algorithm). After
writing the three byte command sequence and after t
WC the entire
module will be protected from inadvertent write operations. It should
be noted, that once protected the host may still perform a byte of page
write to the module. This is done by preceding the data to be written
by the same three byte command sequence used to enable SDP. Once
set, SDP will remain active unless the disable command sequence is
issued. Power transitions do not disable SDP and SDP will protect
the 128K x 32 EEPROM during power-up and Power-down condi-
tions. All command sequences must conform to the page write timing
specifications. The data in the enable and disable command sequences
is not written to the device and the memory addresses used in the
sequence may be written with data in either a byte or page write
operation.
After setting SDP, any attempt to write to the device without the
three byte command sequence will start the internal write timers. No
data will be written to the device; however, for the duration of t
WC,
read operations will effectively be polling operations.
DEVICE IDENTIFICATION
An extra 128 bytes of EEPROM memory is available on each
die for user identification. By raising A9 to 12V + 0.5V and using
address locations 1FF80H to 1FFFFH the bytes may be written to
or read from in the same manner as the regular memory array.
DEVICE OPERATION
The 128K x 32 EEPROM memory solution is an electrically
erasable and programmable memory module that is accessed like a
Static RAM for the read or write cycle without the need for external
components. The device contains a 128-byte-page register to allow
writing of up to 128 bytes of data simultaneously. During a write
cycle, the address and 1 to 128 bytes of data are internally latched,
freeing the address and data bus for other operations. Following the
initiation of a write cycle, the device will automatically write the
latched data using an internal control timer. The end of a write cycle
can be detected by DATA polling of I/O7. Once the end of a write
cycle has been detected a new access for a read or write can begin.
READ
The memory module is accessed like a Static RAM. When CE\
and OE\ are low and WE\ is High, the data stored at the memory
location determined by the address pins is asserted on the outputs.
The module can be read as a 32 bit, 16 bit or 8 bit device. The outputs
are put in the high impedance state when either CE\ or OE\ is high.
This dual-line control gives designers flexibility in preventing bus
contention in their system.
BYTE WRITE
A low pulse on the WE\ or CE\ input with CE\ or WE\ low
(respectively) and OE\ high initiates a write cycle. The address is
latched on the falling edge of CE\ or WE\, whichever occurs last. The
data is latched by the first rising edge of CE\ or WE\. Once a BWDW
(byte, word or double word) write has been started it will automati-
cally time itself to completion.
PAGE WRITE
The page write operation of the 128K x 32 EEPROM allows 1 to
128 BWDWs of data to be written into the device during a single
internal programming period. Each new BWDW must be written
within 150-
µ sec (t
BLC
) of the previous BWDW. If the t
BLC
limit is
exceeded the memory module will cease accepting data and commence
the internal programming operation. For each WE high to low transi-
tion during the page write operation, A7-A16 must be the same.
The A0-A6 inputs are used to specify which bytes within the
page are to be written. The bytes may be loaded in any order and may
be altered within the same load period. Only bytes which are speci-
fied for writing will be written; unnecessary cycling of other bytes
within the page does not occur.
DATA POLLING
This memory module features DATA Polling to indicate the end
of a write cycle. During a byte or page write cycle an attempted read


Similar Part No. - AS8E128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
logo
Micross Components
AS8E128K32 MICROSS-AS8E128K32 Datasheet
240Kb / 15P
   Low power CMOS
logo
Austin Semiconductor
AS8E128K32P-120/883C AUSTIN-AS8E128K32P-120/883C Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS8E128K32P-140/883C AUSTIN-AS8E128K32P-140/883C Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS8E128K32P-150/883C AUSTIN-AS8E128K32P-150/883C Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
More results

Similar Description - AS8E128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS8ER128K32 AUSTIN-AS8ER128K32 Datasheet
163Kb / 14P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array
AS8ER128K32 AUSTIN-AS8ER128K32_03 Datasheet
183Kb / 17P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array AVAILABLE AS MILITARY
AS58C1001 AUSTIN-AS58C1001_02 Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
AS58C1001 AUSTIN-AS58C1001_08 Datasheet
351Kb / 21P
   128K x 8 EEPROM EEPROM Memory
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
389Kb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC128K32 AUSTIN-AS8SLC128K32 Datasheet
138Kb / 10P
   128K x 32 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com