Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4032 Datasheet(PDF) 3 Page - Micronetics, Inc.

Part # 4032
Description  CONNECTORIZED PHASE SHIFTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

4032 Datasheet(HTML) 3 Page - Micronetics, Inc.

  4032 Datasheet HTML 1Page - Micronetics, Inc. 4032 Datasheet HTML 2Page - Micronetics, Inc. 4032 Datasheet HTML 3Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONNECTORIZED PHASE SHIFTERS
32
DESCRIPTION
These analog phase shifters
are optimized for low phase
noise and ideally suited for
use in high performance
radar systems. Hermetic,
military/industrial design.
ADDITIONAL FEATURES (#4034)
s Phase noise:
<160 dBc @100 kHz offset
CONNECTORS
s SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Analog
APPLICATIONS
s Radar simulator
s Bi-phase modulator
s Communications path
simulation
PART #
TYPE
FREQ
LOSS
PHASE
VSWR
SWITCH
RF
DC
RANGE
dB
SHIFT
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
4034
Variable
2-4
5.0
180°
2.0:1
1
10
1-10
4035
Variable
4-8
5.5
180°
2.0:1
1
10
1-10
4036
Variable
8-12
6.0
180°
2.0:1
1
10
1-10
4037
Variable
12-18
6.5
180°
2.0:1
1
10
1-10
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW .MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 4032

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4032 3M-4032 Datasheet
109Kb / 5P
   Double Coated Urethane Foam Tapes
logo
Heyco.
4032 HEYCO-4032 Datasheet
156Kb / 1P
   Heyco-Flex™ VI Liquid Tight Conduit Fittings
logo
List of Unclassifed Man...
4032-T-B1B470 ETC2-4032-T-B1B470 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
4032-T-B1B915 ETC2-4032-T-B1B915 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
New Jersey Semi-Conduct...
40320 NJSEMI-40320 Datasheet
253Kb / 3P
   Power Transistors
More results

Similar Description - 4032

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PSE-3 MERRIMAC-PSE-3 Datasheet
122Kb / 2P
   PHASE SHIFTERS
PEF-03A-500B MERRIMAC-PEF-03A-500B Datasheet
91Kb / 1P
   PHASE SHIFTERS
PEP-3R-60 MERRIMAC-PEP-3R-60 Datasheet
70Kb / 1P
   PHASE SHIFTERS
PEP-4S-10B MERRIMAC-PEP-4S-10B Datasheet
127Kb / 1P
   PHASE SHIFTERS
PSEF-3E-10B MERRIMAC-PSEF-3E-10B Datasheet
86Kb / 1P
   PHASE SHIFTERS
logo
List of Unclassifed Man...
PEF-03A ETC2-PEF-03A Datasheet
91Kb / 1P
   PHASE SHIFTERS
logo
Yantel Corporation
P12110C YANTEL-P12110C Datasheet
493Kb / 3P
   Phase Shifters
logo
Advanced Technical Mate...
P1503 ATM-P1503 Datasheet
169Kb / 1P
   PHASE SHIFTERS
logo
Merrimac Industries, In...
PEG-3E-25B MERRIMAC-PEG-3E-25B Datasheet
105Kb / 1P
   PHASE SHIFTERS
PSES-4-5B MERRIMAC-PSES-4-5B Datasheet
102Kb / 1P
   PHASE SHIFTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com