Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160130 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # 160130
Description  GaP / GaP LED Chips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

160130 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  160130 Datasheet HTML 1Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
YELLOW-GREEN
Item No.: 160130
1.
This specification applies to GaP / GaP LED Chips
2.
Structure
2.1
Mesa structure
2.2
Electrodes
p-side (anode)
Au alloy
n-side (cathode)
Au alloy
3.
Outlines (dimensions in microns)
Wire bond contacts can also be circular or square
4.
Electrical and optical characteristics (T=25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward voltage
VF
IF = 20 mA
2,25
2,50
V
Reverse current
IR
VR = 5 V
10
µA
Luminous intensity *
IV
IF = 20 mA
6,5
10,0
mcd
Peak wavelength
λ
P
IF = 20 mA
568
nm
* On request, wafers will be delivered according to luminous intensity classes
Brightness measurement at OSA on gold plate
5.
Packing
Dice on adhesive film with 1) wire bond side on top
2) back contact on top
6.
Labeling
Type
Lot No.
IV typ
Quantity
min
max
n-Electrode
270
p-Epitaxy GaP
n-Substrate GaP
n-Epitaxy GaP
p-Electrode
265
265
120


Similar Part No. - 160130

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
16013-ECG NTE-16013-ECG Datasheet
125Kb / 4P
   Polymeric Positive Temperature Coefficient
More results

Similar Description - 160130

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
161210 OSA-161210 Datasheet
53Kb / 1P
   GaP / GaP LED Chips
163230 OSA-163230 Datasheet
54Kb / 1P
   GaP / GaP LED Chips
160240 OSA-160240 Datasheet
53Kb / 1P
   GaP / GaP LED Chips
160230 OSA-160230 Datasheet
54Kb / 1P
   GaP / GaP LED Chips
162220 OSA-162220 Datasheet
54Kb / 1P
   GaP / GaP LED Chips
160260 OSA-160260 Datasheet
53Kb / 1P
   GaP / GaP LED Chips
160210 OSA-160210 Datasheet
53Kb / 1P
   GaP / GaP LED Chips
160622 OSA-160622 Datasheet
53Kb / 1P
   GaP / GaP LED Chips
191210 OSA-191210 Datasheet
53Kb / 1P
   GaP / GaP LED Chips
160220 OSA-160220 Datasheet
53Kb / 1P
   GaP / GaP LED Chips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com