Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8F512K32 Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS8F512K32
Description  512K x 32 FLASH FLASH MEMORY ARRAY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8F512K32 Datasheet(HTML) 4 Page - Austin Semiconductor

  AS8F512K32 Datasheet HTML 1Page - Austin Semiconductor AS8F512K32 Datasheet HTML 2Page - Austin Semiconductor AS8F512K32 Datasheet HTML 3Page - Austin Semiconductor AS8F512K32 Datasheet HTML 4Page - Austin Semiconductor AS8F512K32 Datasheet HTML 5Page - Austin Semiconductor AS8F512K32 Datasheet HTML 6Page - Austin Semiconductor AS8F512K32 Datasheet HTML 7Page - Austin Semiconductor AS8F512K32 Datasheet HTML 8Page - Austin Semiconductor AS8F512K32 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS8F512K32
AS8F512K32
Rev. 5.2 09/07
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
OPERATION STATUS
NOTES:
1. T= toggle, D=data, X=data undefined
2. DQ4, DQ2, DQ1, DQ0 are reserved for future use.
Status Bit Definition
During operation of the automatic embedded program and
erase functions, the status of the device can be determined by
reading the data state of designated outputs. The data-polling
bit (DQ7) and toggle-bit (DQ6) require multiple successive reads
to observe a change in the state of the designated output.
Operation Status Flags Table defines the values of the Flag
status.
Data-Polling DQ7
The data-polling status outputs the complement of the data
latched into the DQ7 data register while the write-state machine
is engaged in a program or erase operation. Data bit DQ7 chang-
ing from complement to true indicates the end of an operation.
Data-polling is available only during the byte-programming,
chip-erase, sector-erase, and sector-erase timing delay. Data-
polling is valid after the rising edge of ?W/E in the last bus cycle
of the command sequence loaded into the command register.
During a byte-program operation, reading DQ7 outputs
the complement of the DQ7 data to be programmed at the se-
lected address location. Upon completion, reading DQ7 out-
puts the true DQ7 data loaded into the program data register.
During the erase operations, reading DQ7 outputs a 0. Upon
completion, reading DQ7 outputs a 1. Also, data polling must
be performed at a new sector address that is within a sector
being erased; otherwise the status is not valid. When using
data-polling, the address should remain stable throughout the
operation.
During a data-polling read, while ?W/E is low, data bit DQ7
can change asynchronously. Depending on the read timing,
the system can read valid data on DQ7, while other DQ pins are
still invalid. A subsequent read of the device is valid.
Data-Polling DQ6
The function of toggle-bit status, is to output data on
DQ6 that toggles between 1 and 0 while the write-state ma-
chine is engaged in a program or erase operation. When toggle-
bit DQ6 stops toggling after two consecutive reads to the same
address, the operation is complete. The toggle-bit is only
available during the byte-programming, chip-erase, and sector-
erase timing delay. Toggle-bit data is valid after the raising
edge of
?
W/E in the last bus cycle of the command sequence
loaded into the command register. Depending on the read tim-
ing, DQ6 can stop toggling while other DQ pins are still invalid.
A subsequent read of the device is valid.
Exceed Time Limit DQ5
The program and erase operations use an internal pulse
counter to limit the number of pulses applied. If the pulse count
limit is exceeded, DQ5 is set to a 1 data state. This indicates that
the program or erase operation has failed. DQ7 will not change
from complemented data to true data and DQ6 will not stop
toggling when read. To continue operation, the device must be
reset.
This condition occurs when attempting to program a logic
1 state into a bit that has been programmed previously to a
logic 0. Only an erase operation can change bits from 0 to 1.
After reset, the device is functional and can be erased and
reprogrammed.
Sector-Load- Timer DQ3
DQ3 is the sector-load timer status bit it determines if the
time to load additional sector addresses has expired. DQ3 re-
mains a logic low for 80
µs after completion of a sector-erase
sequence. This indicates another sector-erase command se-
quence can be issued. If DQ3 is at logic high, it indicates that
the delay has expired and attempts to issue additional sector-
erase commands are ignored.
The data polling bit and toggle bit are valid during the 100
µs time delay and can be used to determine if a valid sector
erase command has been issued. To ensure additional sector
erase commands have been accepted, the status of DQ3 should
be read before and after each additional sector-erase command.
If DQ3 is at a logic low on both reads, then the additional sec-
tor-erase was accepted.
Device Operations
2
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Byte-programming in progress
D\
T
0
X
0
XXX
Byte-programming exceed time limit
D\
T
1
X
0
XXX
Byte-programming complete
DDDDDDDD
Sector/chip erase in progress
0
T
0
X
1
X
X
X
Sector/chip erase exceed time limit
0
T
1
X
1
X
X
X
Sector/chip erase complete
11111111
Operation Status Flags
1 Table


Similar Part No. - AS8F512K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F512K32 AUSTIN-AS8F512K32 Datasheet
454Kb / 22P
   Flash Memory Array
AS8F512K32 AUSTIN-AS8F512K32 Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32P-120/883C AUSTIN-AS8F512K32P-120/883C Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32P-120/CT AUSTIN-AS8F512K32P-120/CT Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32P-120/IT AUSTIN-AS8F512K32P-120/IT Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
More results

Similar Description - AS8F512K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F512K32 AUSTIN-AS8F512K32_03 Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
389Kb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
logo
Austin Semiconductor
AS29F040 AUSTIN-AS29F040 Datasheet
1Mb / 27P
   512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com