Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8nvC512K32QC-45XT Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS8nvC512K32QC-45XT
Description  512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8nvC512K32QC-45XT Datasheet(HTML) 5 Page - Austin Semiconductor

  AS8nvC512K32QC-45XT Datasheet HTML 1Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 2Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 3Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 4Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 5Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 6Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 7Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 8Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AUSTIN SEMICONDUCTOR, INC.
nvSRAM
nvSRAM
nvSRAM
nvSRAM
nvSRAM
AS8nvC512K32
AS8nvC512K32
Rev. 0.0 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
ADVANCE INFORMATION
Mode Selection (continued)
Preventing AutoStore
The AutoStore function is disabled by initiating an AutoStore disable
sequence. A sequence of read operations is performed in a manner
similar to the software STORE initiation. To initiate the AutoStore
disable sequence, the following sequence of CE controlled read
operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x8B45 AutoStore Disable
The AutoStore is re-enabled by initiating an AutoStore enable
sequence. A sequence of read operations is performed in a manner
similar to the software RECALL initiation. To initiate the AutoStore
enable sequence, the following sequence of CE controlled read
operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x4B46 AutoStore Enable
If the AutoStore function is disabled or re-enabled, a manual STORE
operation (hardware or software) must be issued to save the AutoStore
state through subsequent power down cycles. The part comes from
the factory with AutoStore enabled.
Data Protection
The AS8nvC512K32 protects data from corruption during low voltage
conditions
by
inhibiting
all
externally
initiated
STORE and write operations. The low voltage condition is detected
when VCC < VSWITCH. If the AS8nvC512K32 is in a write mode
(both CE and WE are LOW) at power up, after a RECALL or STORE,
the write is inhibited until the SRAM is enabled after tLZHSB (HSB
to output active). This protects against inadvertent writes during
power up or brown out conditions.
CE\1 4
WE\1 4
OE\
13
A15 A0
7
Mode
I/O0 31
Power
L
H
L
0x4E38
Read SRAM
Output Data
Active
8
0xB1C7
Read SRAM
Output Data
0x83E0
Read SRAM
Output Data
0x7C1F
Read SRAM
Output Data
0x703F
Read SRAM
Output Data
0x4B46
AutoStore Enable
Output Data
L
H
L
0x4E38
Read SRAM
Output Data
Active ICC2
8
0xB1C7
Read SRAM
Output Data
0x83E0
Read SRAM
Output Data
0x7C1F
Read SRAM
Output Data
0x703F
Read SRAM
Output Data
0x8FC0
Nonvolatile Store
Output High Z
L
H
L
0x4E38
Read SRAM
Output Data
Active
8
0xB1C7
Read SRAM
Output Data
0x83E0
Read SRAM
Output Data
0x7C1F
Read SRAM
Output Data
0x703F
Read SRAM
Output Data
0x4C63
Nonvolatile
Output High Z
Recall


Similar Part No. - AS8nvC512K32QC-45XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVLC512K32 AUSTIN-AS8NVLC512K32 Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-20XT AUSTIN-AS8nvLC512K32Q-20XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-25XT AUSTIN-AS8nvLC512K32Q-25XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-45XT AUSTIN-AS8nvLC512K32Q-45XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32QC-20XT AUSTIN-AS8nvLC512K32QC-20XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
More results

Similar Description - AS8nvC512K32QC-45XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVLC512K32 AUSTIN-AS8NVLC512K32 Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
logo
Hanbit Electronics Co.,...
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128JV HANBIT-HMN5128JV Datasheet
166Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),34Pin-JLCC, 3.3V
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
logo
List of Unclassifed Man...
EDI8M4512C ETC1-EDI8M4512C Datasheet
67Kb / 1P
   512K X 4 SRAM CMOS HIGH SPEED MODULE
3DS16-325 ETC-3DS16-325 Datasheet
72Kb / 3P
   512K x 32 Bit High-Speed CMOS Static RAM-5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com