Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8nvLC512K32QC-25XT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS8nvLC512K32QC-25XT
Description  512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8nvLC512K32QC-25XT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS8nvLC512K32QC-25XT Datasheet HTML 1Page - Austin Semiconductor AS8nvLC512K32QC-25XT Datasheet HTML 2Page - Austin Semiconductor AS8nvLC512K32QC-25XT Datasheet HTML 3Page - Austin Semiconductor AS8nvLC512K32QC-25XT Datasheet HTML 4Page - Austin Semiconductor AS8nvLC512K32QC-25XT Datasheet HTML 5Page - Austin Semiconductor AS8nvLC512K32QC-25XT Datasheet HTML 6Page - Austin Semiconductor AS8nvLC512K32QC-25XT Datasheet HTML 7Page - Austin Semiconductor AS8nvLC512K32QC-25XT Datasheet HTML 8Page - Austin Semiconductor AS8nvLC512K32QC-25XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AUSTIN SEMICONDUCTOR, INC.
nvSRAM
nvSRAM
nvSRAM
nvSRAM
nvSRAM
AS8nvLC512K32
AS8nvLC512K32
Rev. 0.0 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
ADVANCE INFORMATION
Device Operation
The AS8nvLC512K32 nvSRAM is made up of two functional
components paired in the same physical cell. They are
a SRAM memory cell and a nonvolatile QuantumTrap cell. The SRAM
memory cell operates as a standard fast static RAM. Data in the
SRAM is transferred to the nonvolatile cell (the STORE operation),
or from the nonvolatile cell to the SRAM (the RECALL operation).
Using this unique architecture, all cells are stored and recalled in
parallel. During the STORE and RECALL operations, SRAM read
and write operations are inhibited. The AS8nvLC512K32 supports
infinite reads and writes similar to a typical SRAM. In addition, it
provides infinite RECALL operations from the nonvolatile cells and
up to 200K STORE operations. See the Truth Table For SRAM
Operations for a complete description of read and write modes.
SRAM Read
The AS8nvLC512K32 performs a read cycle when CE\ and OE\ are
LOW and WE\ and HSB\ are HIGH. The address specified on pins
A0-18 determines which of the 524,288 data bytes. When the read is
initiated by an address transition, the outputs are valid after a delay
of t
AA (read cycle 1). If the read is initiated by CE\ or OE\, the outputs
are valid at t
ACE or at tDOE, whichever is later (read cycle 2). The data
output repeatedly responds to address changes within the t
AA access
time without the need for transitions on any control input pins. This
remains valid until another address change or until CE\ or OE\ is
brought HIGH, or WE\ or HSB\ is brought LOW.
SRAM Write
A write cycle is performed when CE\ and WE\ are LOW and HSB\ is
HIGH. The address inputs must be stable before entering the write
cycle and must remain stable until CE\ or WE\ goes HIGH at the end
of the cycle. The data on the common I/O pins DQ0–31 are written
into the memory if the data is valid t
SD before the end of a WE\
controlled write or before the end of an CE\ controlled write. It is
recommended that OE\ be kept HIGH during the entire write cycle to
avoid data bus contention on common I/O lines. If OE\ is left LOW,
internal circuitry turns off the output buffers tHZWE after WE\ goes
LOW.
AutoStore Operation
The AS8nvLC512K32 stores data to the nvSRAM using one of the
following three storage operations: Hardware Store activated by HSB\;
Software Store activated by an address sequence; AutoStore on device
power down. The AutoStore operation is a unique feature of
QuantumTrap technology and is enabled by default on the
AS8nvLC512K32.
During a normal operation, the device draws current from V
CC to
charge a capacitor connected to the V
CAP pin. This stored charge is
used by the chip to perform a single STORE operation. If the voltage
on the V
CC pin drops below VSWITCH, the part automatically disconnects
the V
CAP pin from VCC. A STORE operation is initiated with power
provided by the V
CAP capacitor.
Figure 2 shows the proper connection of the storage capacitor (V
CAP)
for automatic store operation. Refer to DC Electrical Characteristics
for the size of V
CAP. The voltage on the VCAP pin is driven to
V
CC
by a regulator on the chip. A pull up should be placed on WE\ to hold
it inactive during power up. This pull up is effective only if the WE\
signal is tri-state during power up. Many MPUs tri-state their
controls on power up. This should be verified when using the pull
up. When the nvSRAM comes out of power-on-recall, the MPU
must be active or the WE\ held inactive until the MPU comes out of
reset.
To reduce unnecessary nonvolatile stores, AutoStore and hardware
store operations are ignored unless at least one write operation has
taken place since the most recent STORE or RECALL cycle. Software
initiated STORE cycles are performed regardless of whether a write
operation has taken place. The HSB\ signal is monitored by the
system to detect if an AutoStore cycle is in progress.
0.1uF
Vcc
V
CAP
Vcc
WE
V
CAP
V
SS
Hardware STORE Operation
The AS8nvLC512K32 provides the HSB\6 pin to control and
acknowledge the STORE operations. Use the HSB\ pin to request a
hardware STORE cycle. When the HSB pin is driven LOW, the
AS8nvLC512K32 conditionally initiates a STORE operation after
t
DELAY. An actual STORE cycle only begins if a write to the SRAM has
taken place since the last STORE or RECALL cycle. The HSB\ pin
also acts as an open drain driver that is internally driven LOW to
indicate a busy condition when the STORE (initiated by any means)
is in progress.
SRAM read and write operations that are in progress when HSB is
driven LOW by any means are given time to complete before the
STORE operation is initiated. After HSB\ goes LOW, the
AS8nvLC512K32 continues SRAM operations for tDELAY. If a write
is in progress when HSB\ is pulled LOW it is enabled a time, t
DELAY to
complete. However, any SRAM write cycles requested after HSB\
goes LOW are inhibited until HSB\ returns HIGH. In case the write
latch is not set, HSB\ is not driven LOW by the AS8nvLC512K32.
But any SRAM read and write cycles are inhibited until HSB\ is
returned HIGH by MPU or other external source.
During any STORE operation, regardless of how it is initiated, the
AS8nvLC512K32 continues to drive the HSB\ pin LOW, releasing it
only when the STORE is complete. When the STORE operation is
completed, the AS8nvLC512K32 remains disabled until the HSB\
pin returns HIGH. Leave the HSB\ unconnected if it is not used..
Figure 2. AutoStore Mode
1-4


Similar Part No. - AS8nvLC512K32QC-25XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVC512K32 AUSTIN-AS8NVC512K32 Datasheet
376Kb / 17P
   512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
AS8nvC512K32Q-20XT AUSTIN-AS8nvC512K32Q-20XT Datasheet
376Kb / 17P
   512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
AS8nvC512K32Q-25XT AUSTIN-AS8nvC512K32Q-25XT Datasheet
376Kb / 17P
   512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
AS8nvC512K32Q-45XT AUSTIN-AS8nvC512K32Q-45XT Datasheet
376Kb / 17P
   512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
AS8nvC512K32QC-20XT AUSTIN-AS8nvC512K32QC-20XT Datasheet
376Kb / 17P
   512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
More results

Similar Description - AS8nvLC512K32QC-25XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVC512K32 AUSTIN-AS8NVC512K32 Datasheet
376Kb / 17P
   512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128JV HANBIT-HMN5128JV Datasheet
166Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),34Pin-JLCC, 3.3V
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
logo
Hanbit Electronics Co.,...
HMN1M8DV HANBIT-HMN1M8DV Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com