Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8S512K32PEC Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS8S512K32PEC
Description  16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32PEC Datasheet(HTML) 1 Page - Austin Semiconductor

  AS8S512K32PEC Datasheet HTML 1Page - Austin Semiconductor AS8S512K32PEC Datasheet HTML 2Page - Austin Semiconductor AS8S512K32PEC Datasheet HTML 3Page - Austin Semiconductor AS8S512K32PEC Datasheet HTML 4Page - Austin Semiconductor AS8S512K32PEC Datasheet HTML 5Page - Austin Semiconductor AS8S512K32PEC Datasheet HTML 6Page - Austin Semiconductor AS8S512K32PEC Datasheet HTML 7Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
16 MB ASYNC SRAM
16 MB ASYNC SRAM
16 MB ASYNC SRAM
16 MB ASYNC SRAM
16 MB ASYNC SRAM
AS8S512K32PEC
AS8S512K32PEC
Rev. 0.1 01/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM
Integrated Plastic Encapsulated Microcircuit
FEATURES
Integrated Real-Time Memory Array Solution
No latency or refresh fycles
Parallel Read/Write Interface
User Configurable via multiple enables
Random Access Memory Array
Fast Access Times: 12, 15, 20, and 25ns
TTL Compatible I/O
Fully Static, No Clocks
Surface Mount Package
68 Lead PLCC, No. 99 JEDEC M0-47AE
Small Footprint, 0.990 Sq. In.
Multiple Ground Pins for Maximum Noise Immunity
Single +5V (±5%) Supply Operation
DESCRIPTION
The AS8S512K32 is a high speed, 5V, 16Mb SRAM. The
device is available with access times of 12, 15, 20 and
25ns creating a zero wait state/latency, real-time memory
solution. The high speed, 5v supply voltage and control
lines,make the device ideal for all your real-time computer
memory requirements.
The device can be configured as a 512K x 32 and used to
create a single chip external data /program memory array
solution or via use of the individual chip enable lines, be
reconfigured as a 1M x 16 or 2M x 8.
The device provides a 50+% space savings when
compared to four 512K x 8, 36 pin SOJs. In addition the
AS8S512K32 has only a 20pF load on the Addr. lines vs.
~30pF for four plastic SOJs.
PIN CONFIGURATIONS AND BLOCK DIAGRAM
10
11
12
13
14
15
16
17
18
19
20
21
22
DQ17
DQ18
60
DQ14
59
DQ13
DQ19
58
DQ12
Vss
57
Vss
DQ20
56
DQ11
DQ21
55
DQ10
DQ22
54
DQ09
DQ23
53
DQ08
Vcc
52
Vcc
DQ24
51
DQ07
DQ25
50
DQ06
DQ26
49
DQ05
DQ27
48
DQ04
Vss
47
Vss
DQ28
46
DQ03
DQ29
45
DQ02
DQ30
44
DQ01
23
24
25
26
BYTE CONTROL TABLE
Chip
Byte
Enable
Control
E0\
DQ0-7
E1\
DQ8-15
E2\
DQ16-23
E3\
DQ24-31
PIN NAMES
A0 - A18
Address Inputs
E0\ - E3\
Chip Enables
W\
Write Enables
G\
Output Enable
DQ0 - DQ31 Common Data Input/Output
Vcc
Power (+5V ± 10%)
Vss
Ground
NC
No Connection
A0-A18
G\
W\
E0\
E1\
DQ0-DQ7
E2\
DQ8-DQ15
E3\
DQ16-DQ23
DQ24-DQ31
512K x 32
Memory Array
19


Similar Part No. - AS8S512K32PEC

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8S512K32PECA MICROSS-AS8S512K32PECA Datasheet
206Kb / 8P
   Parallel Read/Write Interface
More results

Similar Description - AS8S512K32PEC

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
   16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
logo
White Electronic Design...
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8F32512C WEDC-EDI8F32512C Datasheet
103Kb / 8P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
Samsung semiconductor
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
logo
Austin Semiconductor
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG AUSTIN-AS4DDR232M64PBG Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG AUSTIN-AS4DDR264M72PBG Datasheet
267Kb / 28P
   64Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com