Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1419AF-IT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS1419AF-IT
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-IT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS1419AF-IT Datasheet HTML 1Page - Austin Semiconductor AS1419AF-IT Datasheet HTML 2Page - Austin Semiconductor AS1419AF-IT Datasheet HTML 3Page - Austin Semiconductor AS1419AF-IT Datasheet HTML 4Page - Austin Semiconductor AS1419AF-IT Datasheet HTML 5Page - Austin Semiconductor AS1419AF-IT Datasheet HTML 6Page - Austin Semiconductor AS1419AF-IT Datasheet HTML 7Page - Austin Semiconductor AS1419AF-IT Datasheet HTML 8Page - Austin Semiconductor AS1419AF-IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
POWER REQUIREMENTS (* denotes specifications which apply over the full
operating temperature range, otherwise specifications are
T
A = +25°C.)
5
PARAMETER
SYM
MIN TYP MAX
UNITS
Positive Supply Voltage
10
VDD
4.75
5.25
V
Negative Supply Voltage
10
VSS
4.75
-5.25
V
*11
20
mA
Nap Mode: SHDN\ = 0V, CS\ = 0V
1.5
mA
Sleep Mode: SHDN\ = 0V, CS\ = 5V
250
µA
*19
30
mA
Nap Mode: SHDN\ = 0V, CS\ = 0V
100
mA
Sleep Mode: SHDN\ = 0V, CS\ = 5V
1
µA
*
150
240
mW
Nap Mode: SHDN\ = 0V, CS\ = 0V
7.5
12
mW
Sleep Mode: SHDN\ = 0V, CS\ = 5V
1.2
mW
Power Dissipation
PDIS
ISS
CONDITIONS
Positive Supply Current
Negative Supply Current
IDD
TIMING CHARACTERISTICS (* denotes specifications which apply over the
full operating temperature range, otherwise specifications are
T
A = +25°C.)
5
PARAMETER
SYM
MIN
TYP
MAX UNITS
Maximum Sampling Frequency
*
fSAMPLE(MAX)
800
kHz
Conversion Time
*
tCONV
950
1150
ns
Acquisition Time
*
tACQ
90
300
ns
Acquisition + Conversion Time
*
tACQ + CONV
1040
1250
ns
CS\ to RD\ Setup Time
9,10
*
t1
0ns
CS\
to CONVST\
Setup Time
9,10
*
t2
40
ns
CS\
to SHDN\
Setup Time
9,10
t3
40
ns
SHDN\
to CONVST\
Wake up Time
10
t4
400
ns
CONVST\ Low Time
10, 11
*
t5
40
ns
CL=25pF
20
ns
*50
ns
20
50
ns
*15
ns
Delay Between Conversions
10
*
t8
40
ns
Wait Time RD\
After BUSY\
9
*
t9
5ns
CL=25pF
15
25
ns
*35
ns
CL=100pF
20
35
ns
*50
ns
10
20
ns
40
oC T
A < 85
oC
*30
ns
55
oC T
A < 125
oC *35
ns
RD\ Low Time
*
t12
t10
ns
CONVST\ High Time
*
t13
40
ns
t6
t7
t10
t11
CONDITIONS
Data Access Time After RD\
Bus Relinquish Time
CONVST\ to BUSY\ Delay
Data Ready Before BUSY\


Similar Part No. - AS1419AF-IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4D13 ETC-AS1431DR4D13 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4D7 ETC-AS1431DR4D7 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4DA ETC-AS1431DR4DA Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4DB ETC-AS1431DR4DB Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
More results

Similar Description - AS1419AF-IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com