Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM40-0023 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AM40-0023
Description  Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM40-0023 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM40-0023 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM40-0023 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Ultra Low Noise pHEMT Dual
Channel Amplifier, 1.710-1.910 GHz
Rev. V3
AM40-0023
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 0.7 dB Typical Noise Figure
• 14 dB Typical Gain
• DC Decoupled RF Input and Output
• Single Bias Configuration
• SMT Construction
• Dual Channels for Balanced Designs
• Unconditionally Stable—No External Matching
Circuit required
Description
M/A-COM’s AM40-0023 is a dual-channel, ultra low noise
amplifier in a surface mount package.
Very low noise
figure is achieved by using discrete pHEMT devices
combined with M/A-COM’s glass technology.
The
AM40-0023 is designed specifically for use in DCS-1800
and PCS telecommunication applications where less than
1 dB noise figure is required.
CR-5
Electrical Specifications:
Bias Conditions: +7V @ 20 mA Typical (each channel,) TA = +25°C, Z0 = 50 Ohms
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
PIN = -20 dBm
1.710-1.910 GHz
dB
11
14
Gain Flatness
PIN = -20 dBm
1.710-1.910 GHz
dB
± 1.0
± 1.5
Noise Figure
1.710-1.910 GHz
dB
0.7
0.9
VSWR Input
PIN = -20 dBm
1.710-1.910 GHz
Ratio
2.0:1
3.0:1
VSWR Output
PIN = -20 dBm
1.710-1.910 GHz
Ratio
2.0:1
3.0:1
1 dB Compression
Input Power
1.710-1.910 GHz
dBm
-13
-9
Reverse Isolation
1.710-1.910 GHz
dB
20
25
Input Third Order
Intercept
1.710-1.910 GHz
dBm
0
3


Similar Part No. - AM40-0023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023 Datasheet
207Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023 Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023PIN MACOM-AM40-0023PIN Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023_1 Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
More results

Similar Description - AM40-0023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023_1 Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023 Datasheet
207Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
Hittite Microwave Corpo...
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
   GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E Datasheet
463Kb / 10P
   GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Filtronic Compound Semi...
LP7512 FILTRONIC-LP7512 Datasheet
36Kb / 2P
   ULTRA LOW NOISE PHEMT
logo
Hittite Microwave Corpo...
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
   SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com