Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7193 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7193
Description  4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7193 Datasheet(HTML) 3 Page - Analog Devices

  AD7193 Datasheet HTML 1Page - Analog Devices AD7193 Datasheet HTML 2Page - Analog Devices AD7193 Datasheet HTML 3Page - Analog Devices AD7193 Datasheet HTML 4Page - Analog Devices AD7193 Datasheet HTML 5Page - Analog Devices AD7193 Datasheet HTML 6Page - Analog Devices AD7193 Datasheet HTML 7Page - Analog Devices AD7193 Datasheet HTML 8Page - Analog Devices AD7193 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
AD7193
Rev. A | Page 3 of 56
SPECIFICATIONS
AVDD = 3 V to 5.25 V, DVDD = 2.7 V to 5.25 V, AGND = DGND = 0 V; REFINx(+) = +2.5 V or AVDD, REFINx(−) = AGND,
MCLK = 4.92 MHz, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
ADC
Output Data Rate
4.7
4800
Hz
Chop disabled
1.17
1200
Hz
Chop enabled, sinc4 filter
1.56
1600
Hz
Chop enabled, sinc3 filter
No Missing Codes2
24
Bits
FS[9:0]3 > 1, sinc4 filter
24
Bits
FS[9:0]3 > 4, sinc3 filter
Resolution
See the RMS Noise and Resolution section
RMS Noise and Output
Data Rates
See the RMS Noise and Resolution section
Integral Nonlinearity
Gain = 12
±2
±10
ppm of FSR
AVDD = 5 V
±2
±15
ppm of FSR
AVDD = 3 V
Gain > 1
±5
±30
ppm of FSR
AVDD = 5 V
±15
±30
ppm of FSR
AVDD = 3 V
Offset Error4, 5
±150/gain
μV
Chop disabled
±1
μV
Chop enabled, AVDD = 5 V
±0.5
μV
Chop enabled, AVDD = 3 V
Offset Error Drift vs.
Temperature
±150/gain
nV/°C
Gain = 1 to 16; chop disabled
±5
nV/°C
Gain = 32 to 128; chop disabled
±5
nV/°C
Chop enabled
Offset Error Drift vs. Time
25
nV/1000
hours
Gain > 32
Gain Error4
±0.001
%
AVDD = 5 V, gain = 1, TA = 25°C (factory
calibration conditions)
−0.39
%
Gain = 128, before full-scale calibration
(see Table 26)
±0.003
%
Gain > 1, after internal full-scale
calibration, AVDD ≥ 4.75 V
±0.005
%
Gain > 1, after internal full-scale
calibration, AVDD < 4.75 V
Gain Drift vs.
Temperature
±1
ppm/°C
Gain Drift vs. Time
10
ppm/1000
hours
Gain = 1
Power Supply Rejection
90
dB
Gain = 1, VIN = 1 V
95
110
dB
Gain > 1, VIN = 1 V/gain
Common-Mode Rejection
@ DC
110
dB
Gain = 1, VIN = 1 V
@ DC
105
dB
Gain > 1, VIN = 1 V/gain
@ 50 Hz, 60 Hz2
120
dB
10 Hz output data rate, 50 Hz ± 1 Hz,
60 Hz ± 1 Hz
@ 50 Hz2
120
dB
50 Hz output data rate, 50 Hz ± 1 Hz
@ 60 Hz2
120
dB
60 Hz output data rate, 60 Hz ± 1 Hz
@ 50 Hz2
115
dB
Fast settling, FS[9:0]3 = 6, average by 16,
50 Hz ± 1 Hz
@ 60 Hz2
115
dB
Fast settling, FS[9:0]3 = 5, average by 16,
60 Hz ± 1 Hz


Similar Part No. - AD7193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7193 AD-AD7193 Datasheet
476Kb / 9P
   Devices Connected
AD7193 AD-AD7193 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7193BCPZ AD-AD7193BCPZ Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7193BCPZ-RL AD-AD7193BCPZ-RL Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7193BCPZ-RL7 AD-AD7193BCPZ-RL7 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
More results

Similar Description - AD7193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com