Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7357 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7357
Description  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357 Datasheet(HTML) 4 Page - Analog Devices

  AD7357 Datasheet HTML 1Page - Analog Devices AD7357 Datasheet HTML 2Page - Analog Devices AD7357 Datasheet HTML 3Page - Analog Devices AD7357 Datasheet HTML 4Page - Analog Devices AD7357 Datasheet HTML 5Page - Analog Devices AD7357 Datasheet HTML 6Page - Analog Devices AD7357 Datasheet HTML 7Page - Analog Devices AD7357 Datasheet HTML 8Page - Analog Devices AD7357 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7357
Rev. 0 | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
0.6 × VDRIVE
V
Input Low Voltage, VINL
0.3 × VDRIVE
V
Input Current, IIN
±1
μA
VIN = 0 V or VDRIVE
Input Capacitance, CIN
3
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V
Output Low Voltage, VOL
0.2
V
Floating-State Leakage Current
±1
μA
Floating-State Output Capacitance
5.5
pF
Output Coding
Straight binary
CONVERSION RATE
Conversion Time
t2 + 15.5 × tSCLK
ns
Track-and-Hold Acquisition Time2
33
ns
Full-scale step input
Throughput Rate
4.2
MSPS
POWER REQUIREMENTS
VDD
2.25
2.75
V
Nominal VDD = 2.5 V
VDRIVE3
2.25
3.6
V
ITOTAL4
Digital inputs = 0 V or VDRIVE
Normal Mode (Operational)
14
20
mA
Normal Mode (Static)
6
7.5
mA
SCLK on or off
Partial Power-Down Mode
3.5
4.5
mA
SCLK on or off
Full Power-Down Mode
5
40
μA
SCLK on or off
Power Dissipation
Normal Mode (Operational)
36
59
mW
Normal Mode (Static)
16
21
mW
SCLK on or off
Partial Power-Down Mode
9.5
11.5
mW
SCLK on or off
Full Power-Down Mode
16
110
μW
SCLK on or off
1 Temperature ranges are as follows: Y grade: −40°C to +125°C, B grade: −40°C to +85°C.
2 See the Terminology section.
3 The interface is functional with VDRIVE voltages down to 1.8 V. In this condition, the SCLK speed may need to be slowed down. See the access and hold times in the
Timing Specifications section.
4 ITOTAL is the total current flowing in VDD and VDRIVE.


Similar Part No. - AD7357

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357 Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
AD7357BCPZ AD-AD7357BCPZ Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
AD7357BCPZ-RL AD-AD7357BCPZ-RL Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
More results

Similar Description - AD7357

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com