Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7357 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7357
Description  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7357 Datasheet HTML 4Page - Analog Devices AD7357 Datasheet HTML 5Page - Analog Devices AD7357 Datasheet HTML 6Page - Analog Devices AD7357 Datasheet HTML 7Page - Analog Devices AD7357 Datasheet HTML 8Page - Analog Devices AD7357 Datasheet HTML 9Page - Analog Devices AD7357 Datasheet HTML 10Page - Analog Devices AD7357 Datasheet HTML 11Page - Analog Devices AD7357 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7357
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
–140
–120
–100
–80
–60
–40
–20
0
0
250
500
750
1000
1250
1500
1750
2000
FREQUENCY (kHz)
16,384 POINT FFT
fSAMPLE = 4.2MSPS
fIN = 1MHz
SINAD = 76.8dB
THD = –84.5dB
0
5000
10,000
15,000
20,000
8188
8189
8190
8191
8192
8193
8194
8195
CODE
32 HITS
Figure 3. Typical FFT
Figure 6. Histogram of Codes
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
4000
8000
12,000
16,000
CODE
65
67
69
71
73
75
77
79
0
1
2
345
ANALOG INPUT FREQUENCY (MHz)
Figure 4. Typical DNL
Figure 7. SNR vs. Analog Input Frequency
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
4000
8000
12,000
16,000
CODE
–85
–80
–75
–70
–65
–60
0
5
10
15
20
25
SUPPLY RIPPLE FREQUENCY (MHz)
Figure 8. PSRR vs. Supply Ripple with No Supply Decoupling
Figure 5. Typical INL


Similar Part No. - AD7357

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357 Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
AD7357BCPZ AD-AD7357BCPZ Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
AD7357BCPZ-RL AD-AD7357BCPZ-RL Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
More results

Similar Description - AD7357

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com