Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7357BRUZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # AD7357BRUZ-RL
Description  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357BRUZ-RL Datasheet(HTML) 1 Page - Analog Devices

  AD7357BRUZ-RL Datasheet HTML 1Page - Analog Devices AD7357BRUZ-RL Datasheet HTML 2Page - Analog Devices AD7357BRUZ-RL Datasheet HTML 3Page - Analog Devices AD7357BRUZ-RL Datasheet HTML 4Page - Analog Devices AD7357BRUZ-RL Datasheet HTML 5Page - Analog Devices AD7357BRUZ-RL Datasheet HTML 6Page - Analog Devices AD7357BRUZ-RL Datasheet HTML 7Page - Analog Devices AD7357BRUZ-RL Datasheet HTML 8Page - Analog Devices AD7357BRUZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Differential Input, Dual, Simultaneous
Sampling, 4.2 MSPS, 14-Bit, SAR ADC
AD7357
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 14-bit SAR ADC
Simultaneous sampling
Throughput rate: 4.2 MSPS per channel
Specified for a VDD of 2.5 V
Power dissipation: 36 mW at 4.2 MSPS
On-chip reference: 2.048 V ± 0.25%, 6 ppm/°C
Dual conversion with read
High speed serial interface
SPI-/QSPI-/MICROWIRE-/DSP-compatible
−40°C to +125°C operation
16-lead TSSOP package
APPLICATIONS
Data acquisition systems
Motion control
I & Q demodulation
RFID readers
FUNCTIONAL BLOCK DIAGRAM
SCLK
AD7357
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
SDATAA
CS
SDATAB
DGND
REFGND
AGND
VDRIVE
VDD
AGND
T/H
T/H
BUF
BUF
REF
VINA+
VINA–
REFA
VINB+
VINB–
REFB
Figure 1.
GENERAL DESCRIPTION
The AD73571 is a dual, 14-bit, high speed, low power, successive
approximation analog-to-digital converter (ADC) that operates
from a single 2.5 V power supply and features throughput rates
up to 4.2 MSPS. The part contains two ADCs, each preceded by
a low noise, wide bandwidth track-and-hold circuit that can
handle input frequencies in excess of 110 MHz.
The conversion process and data acquisition use standard
control inputs allowing for easy interfacing to microprocessors
or DSPs. The input signal is sampled on the falling edge of CS; a
conversion is also initiated at this point. The conversion time is
determined by the SCLK frequency.
The AD7357 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. With a 2.5 V
supply and a 4.2 MSPS throughput rate, the part consumes 14 mA
typically. The part also offers flexible power/throughput rate
management options.
The analog input range for the part is the differential common
mode ±VREF/2. The AD7357 has an on-chip 2.048 V reference
that can be overdriven when an external reference is preferred.
The AD7357 is available in a 16-lead thin shrink small outline
package (TSSOP).
PRODUCT HIGHLIGHTS
1.
Two Complete ADC Functions.
These functions allow simultaneous sampling and conversion
of two channels. The conversion result of both channels is
simultaneously available on separate data lines or in suc-
cession on one data line if only one serial port is available.
2.
High Throughput with Low Power Consumption.
The AD7357 offers a 4.2 MSPS throughput rate with
36 mW power consumption.
3.
Simultaneous Sampling.
The part features two standard successive approximation
ADCs with accurate control of the sampling instant via a
CS input and once off conversion control.
Table 1. Related Devices
Generic
Resolution
Throughput
Analog Input
AD7356
12-bit
5 MSPS
Differential
AD7352
12-bit
3 MSPS
Differential
AD7266
12-bit
2 MSPS
Differential/single-ended
AD7866
12-bit
1 MSPS
Single-ended
AD7366
12-bit
1 MSPS
Single-ended bipolar
AD7367
14-bit
1 MSPS
Single-ended bipolar
1 Protected by U.S. Patent No. 6,681,332.


Similar Part No. - AD7357BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357BRUZ-RL AD-AD7357BRUZ-RL Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357BRUZ-RL AD-AD7357BRUZ-RL Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357BRUZ-RL AD-AD7357BRUZ-RL Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
More results

Similar Description - AD7357BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com