Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7781BRUZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7781BRUZ
Description  20-Bit, Pin-Programmable, Low Power Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7781BRUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7781BRUZ Datasheet HTML 3Page - Analog Devices AD7781BRUZ Datasheet HTML 4Page - Analog Devices AD7781BRUZ Datasheet HTML 5Page - Analog Devices AD7781BRUZ Datasheet HTML 6Page - Analog Devices AD7781BRUZ Datasheet HTML 7Page - Analog Devices AD7781BRUZ Datasheet HTML 8Page - Analog Devices AD7781BRUZ Datasheet HTML 9Page - Analog Devices AD7781BRUZ Datasheet HTML 10Page - Analog Devices AD7781BRUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7781
Rev. 0 | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD7781
TOP VIEW
(Not to Scale)
NC = NO CONNECT
1
2
3
4
5
6
7
8
SCLK
DOUT/RDY
NC
AIN(–)
AIN(+)
GAIN
NC
REFIN(+)
16
15
14
13
12
11
10
9
FILTER
PDRST
DVDD
BPDSW
REFIN(–)
GND
AVDD
NC
SCLK 1
DOUT/RDY 2
NC 3
GAIN 4
FILTER
14
PDRST
13
DVDD
12
AVDD
11
AIN(+) 5
GND
10
AIN(–) 6
BPDSW
9
AD7781
TOP VIEW
(Not to Scale)
REFIN(+) 7
REFIN(–)
8
NC = NO CONNECT
Figure 6. SOIC Pin Configuration
Figure 7. TSSOP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
SOIC
TSSOP
Mnemonic
Description
1
2
SCLK
Serial Clock Input. This serial clock input is for data transfers from the ADC. The SCLK pin has a Schmitt-
triggered input. The serial clock can be active only when transferring data from the AD7781. The data
from the AD7781 can be read as a continuous 32-bit word. Alternatively, SCLK can be noncontinuous
during the data transfer, with the information being transmitted from the ADC in smaller data batches.
2
3
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose: as a data ready pin, going low
to indicate the completion of a conversion, and as a serial data output pin to access the data register of
the ADC. Eight status bits accompany each data read (see
). The DOUT/
Figure 22
RDY falling edge can be
used as an interrupt to a processor, indicating that new data is available. If the data is not read after the
conversion, the pin goes high before the next update occurs. The serial interface is reset each time that a
conversion is available. Therefore, the user must ensure that any conversions being transmitted are
completed before the next conversion is available.
3
1, 4, 16
NC
No Connect. This pin can be left floating.
4
5
GAIN
Gain Select Pin. When GAIN is low, the gain is set to 128. When GAIN is high, the gain is set to 1.
5
6
AIN(+)
Analog Input. AIN(+) is the positive terminal of the differential analog input pair, AIN(+)/AIN(−).
6
7
AIN(−)
Analog Input. AIN(−) is the negative terminal of the differential analog input pair, AIN(+)/AIN(−).
7
8
REFIN(+)
Positive Reference Input. An external reference can be applied between REFIN(+) and REFIN(−). The nomi-
nal reference voltage (REFIN(+) − REFIN(−)) is 5 V, but the part can function with a reference of 0.5 V to AVDD.
8
9
REFIN(−)
Negative Reference Input.
9
10
BPDSW
Bridge Power-Down Switch to GND. When PDRST is high, the bridge power-down switch is closed.
When PDRST is low, the switch is opened.
10
11
GND
Ground Reference Point.
11
12
AVDD
Supply Voltage, 2.7 V to 5.25 V.
12
13
DVDD
Digital Interface Supply Voltage. The logic levels for the serial interface pins and the digital control pins
are related to this supply, which is between 2.7 V and 5.25 V. The DVDD voltage is independent of the
voltage on AVDD; therefore, AVDD can equal 5 V with DVDD at 3 V or vice versa.
13
14
PDRST
Power-Down/Reset. When this pin is low, the ADC is placed in power-down mode, and the low-side power
switch is opened. All the logic on the chip is reset, and the DOUT/RDY pin is tristated. When PDRST is high,
the ADC is taken out of power-down mode. The on-chip clock powers up and settles, and the ADC contin-
uously converts. In addition, the low-side power switch is closed. The internal clock requires approximately
1 ms to power up.
14
15
FILTER
Filter Select Pin. When FILTER is low, the fast settling filter is selected. The update rate is set to 16.7 Hz,
which gives a filter settling time of 120 ms. When FILTER is high, the high rejection filter is selected. The
update rate is set to 10 Hz, which gives a filter settling time of 300 ms. With this filter, the stop-band
(higher than fADC) attenuation is better than −45 dB.


Similar Part No. - AD7781BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7781BRUZ AD-AD7781BRUZ Datasheet
326Kb / 17P
   20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
AD7781BRUZ-REEL AD-AD7781BRUZ-REEL Datasheet
326Kb / 17P
   20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
More results

Similar Description - AD7781BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7781 AD-AD7781_17 Datasheet
326Kb / 17P
   20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
AD7780 AD-AD7780 Datasheet
429Kb / 16P
   24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7780 AD-AD7780_17 Datasheet
356Kb / 17P
   24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com