Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8264 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8264 Datasheet HTML 7Page - Analog Devices AD8264 Datasheet HTML 8Page - Analog Devices AD8264 Datasheet HTML 9Page - Analog Devices AD8264 Datasheet HTML 10Page - Analog Devices AD8264 Datasheet HTML 11Page - Analog Devices AD8264 Datasheet HTML 12Page - Analog Devices AD8264 Datasheet HTML 13Page - Analog Devices AD8264 Datasheet HTML 14Page - Analog Devices AD8264 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD8264
Rev. 0 | Page 11 of 40
–3
–2
–1
0
1
FREQUENCY (Hz)
100k
1M
10M
100M
VS = ±2.5V, VOHx
VS = ±3.3V, VOHx
VS = ±5V, VOHx
VS = ±2.5V, VOLx
VS = ±3.3V, VOLx
VS = ±5V, VOLx
PIN = –16dBm
Figure 21. Frequency Response from VOCM to VOHx and VOLx for
Various Supplies
–21
–15
–9
–3
3
9
FREQUENCY (Hz)
100k
1M
10M
100M
500M
VS = ±5V
VS = ±3.3V
VS = ±2.5V
VOUT = 0.1V p-p
Figure 22. Frequency Response from OFSx to Differential Output for
Various Supply Voltages
–12
–6
0
6
12
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±2.5V
VS = ±3.3V
VS = ±5V
PIN = –22dBm
Figure 23. Preamp Frequency Response to OPPx
0
1
2
3
4
5
1M
10M
100M
FREQUENCY (Hz)
VGAIN = –0.7V
VGAIN = +0.7V
VGAIN = 0V
Figure 24. Group Delay vs. Frequency to VGAx
2
3
4
5
6
7
8
1M
10M
100M
FREQUENCY (Hz)
VGAIN = –0.7V
VGAIN = +0.7V
VGAIN = 0V
Figure 25. Group Delay vs. Frequency to Differential Output
–10
0
10
–5
15
5
0.7
0.5
0.3
0.1
VGAIN (V)
–0.1
–0.3
–0.5
–0.7
TA = +105°C
TA = +25°C
TA = –40°C
MAX
MIN
Figure 26. Differential Output Offset Voltage vs. VGAIN vs. Temperature


Similar Part No. - AD8264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8264 AD-AD8264 Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
AD8264-EVALZ AD-AD8264-EVALZ Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
AD8264ACPZ AD-AD8264ACPZ Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
AD8264ACPZ-R7 AD-AD8264ACPZ-R7 Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
AD8264ACPZ-RL AD-AD8264ACPZ-RL Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
More results

Similar Description - AD8264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8264 AD-AD8264_16 Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
logo
Maxim Integrated Produc...
MAX9516EVKIT MAXIM-MAX9516EVKIT Datasheet
102Kb / 5P
   DC-Coupled Output
Rev 0; 4/07
logo
Analog Devices
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. B
logo
NEC
UPC1663 NEC-UPC1663 Datasheet
93Kb / 16P
   DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com