Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8465 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8465
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465 Datasheet(HTML) 4 Page - Analog Devices

  AD8465 Datasheet HTML 1Page - Analog Devices AD8465 Datasheet HTML 2Page - Analog Devices AD8465 Datasheet HTML 3Page - Analog Devices AD8465 Datasheet HTML 4Page - Analog Devices AD8465 Datasheet HTML 5Page - Analog Devices AD8465 Datasheet HTML 6Page - Analog Devices AD8465 Datasheet HTML 7Page - Analog Devices AD8465 Datasheet HTML 8Page - Analog Devices AD8465 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8465
Rev. 0 | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE1
Rise Time/Fall Time
tR, tF
10% to 90%
600
ps
Propagation Delay
tPD
VCCI = VCCO = 2.5 V to 5.0 V,
VOD = 50 mV
1.6
ns
VCCI = VCCO = 2.5 V, VOD = 10 mV
3.0
ns
Propagation Delay Skew—Rising to Falling Transition
tPINSKEW
VCCI = VCCO = 2.5 V to 5.0 V
70
ps
Propagation Delay Skew—Q to Q
VCCI = VCCO = 2.5 V to 5.0 V
70
ps
Overdrive Dispersion
10 mV < VOD < 125 mV
1.6
ns
Common-Mode Dispersion
VCM = −0.2 V to VCCI + 0.2 V
250
ps
Input Bandwidth
500
MHz
Minimum Pulse Width
PWMIN
VCCI = VCCO = 2.5 V to 5.0 V,
PWOUT = 90% of PWIN
1.3
ns
POWER SUPPLY
Input Supply Voltage Range
VCCI
2.5
5.5
V
Output Supply Voltage Range
VCCO
2.5
5.0
V
Positive Supply Differential
VCCI − VCCO
Operating
−3
+3
V
VCCI − VCCO
Nonoperating
−5.0
+5.0
V
Input Section Supply Current
IVCCI
VCCI = 2.5 V to 5.5 V
1.6
3.0
mA
Output Section Supply Current
IVCCO
VCCO = 2.5 V to 5.0 V
15
23
mA
Power Dissipation
PD
VCCI = VCCO = 2.5 V
37
55
mW
VCCI = VCCO = 5.0 V
95
120
mW
Power Supply Rejection Ratio
PSRR
VCCI = VCCO = 2.5 V to 5.0 V
−50
−60
dB
Shutdown Mode ICCI
VCCI = VCCO = 2.5 V to 5.0 V
0.92
1.1
mA
Shutdown Mode ICCO
VCCI = VCCO = 2.5 V to 5.0 V
−30
+30
μA
1 VIN = 100 mV square input at 50 MHz, VOD = 50 mV, VCM = 1.25 V, VCCI = VCCO = 2.5 V, unless otherwise noted.


Similar Part No. - AD8465

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8465 AD-AD8465 Datasheet
3Mb / 34P
   Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results

Similar Description - AD8465

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. 0
ADCMP604 AD-ADCMP604_07 Datasheet
392Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP600 AD-ADCMP600_11 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP604 AD-ADCMP604_15 Datasheet
301Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com