Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8363ACPZ-WP Datasheet(PDF) 10 Page - Analog Devices

Part # AD8363ACPZ-WP
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-WP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8363ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 9Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 10Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 11Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 12Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 13Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD8363
Rev. 0 | Page 10 of 36
4
5
6
3
2
1
0
3
2
1
0
–3
–1
–2
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INHI INPUT
VTCM1 = 0.52V, VTCM2 = 0.51V
Figure 9. VOUT and Log Conformance Error with Respect to 25°C Ideal Line
over Temperature vs. Input Amplitude at 1.90 GHz, CW, Typical Device
4
5
6
3
2
1
0
3
2
1
0
–3
–1
–2
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INHI INPUT
VTCM1 = 0.52V, VTCM2 = 0.51V
REPRESENTS 35 DEVICES
FROM 3 LOTS
Figure 10. Distribution of VOUT and Error with Respect to 25°C Ideal Line over
Temperature vs. Input Amplitude at 1.90 GHz, CW
2
3
1
0
–1
–2
–3
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INHI INPUT
VTCM1 = 0.52V, VTCM2 = 0.51V
REPRESENTS 35 DEVICES FROM 3 LOTS
Figure 11. Distribution of Error with Respect to 25°C over Temperature vs.
Input Amplitude at 1.90 GHz, CW
4
5
6
3
2
1
0
3
2
1
0
–3
–1
–2
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INHI INPUT
VTCM1 = 0.52V, VTCM2 = 0.6V
Figure 12. VOUT and Log Conformance Error with Respect to 25°C Ideal Line
over Temperature vs. Input Amplitude at 2.14 GHz, CW, Typical Device
4
5
6
3
2
1
0
3
2
1
0
–3
–1
–2
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INHI INPUT
VTCM1 = 0.52V, VTCM2 = 0.6V
REPRESENTS 35 DEVICES
FROM 3 LOTS
Figure 13. Distribution of VOUT and Error with Respect to 25°C Ideal Line over
Temperature vs. Input Amplitude at 2.14 GHz, CW
2
3
1
0
–1
–2
–3
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INHI INPUT
VTCM1 = 0.52V, VTCM2 = 0.6V
REPRESENTS 35 DEVICES
FROM 3 LOTS
Figure 14. Distribution of Error with Respect to 25°C over Temperature vs.
Input Amplitude at 2.14 GHz, CW


Similar Part No. - AD8363ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8363ACPZ-WP AD-AD8363ACPZ-WP Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363ACPZ-WP AD-AD8363ACPZ-WP Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
More results

Similar Description - AD8363ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com