Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4627-1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4627-1
Description  36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1 Datasheet(HTML) 1 Page - Analog Devices

  ADA4627-1 Datasheet HTML 1Page - Analog Devices ADA4627-1 Datasheet HTML 2Page - Analog Devices ADA4627-1 Datasheet HTML 3Page - Analog Devices ADA4627-1 Datasheet HTML 4Page - Analog Devices ADA4627-1 Datasheet HTML 5Page - Analog Devices ADA4627-1 Datasheet HTML 6Page - Analog Devices ADA4627-1 Datasheet HTML 7Page - Analog Devices ADA4627-1 Datasheet HTML 8Page - Analog Devices ADA4627-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
36 V, 19 MHz, Low Noise, Low Bias Current,
JFET Operational Amplifier
ADA4627-1
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 200 μV maximum
Offset drift: 1 μV/°C typical
Very low input bias current: 5 pA maximum
Extended temperature range: −40
ºC to +125ºC
±5 V to ±15 V dual-supply
Guaranteed GBW: 16 MHz
Voltage noise: 6.1 nV/√Hz at 1 kHz
High slew rate: 60 V/μs
High gain: 120 dB typical
High CMRR: 116 dB typical
High PSRR: 112 dB typical
Low supply current: 7.5 mA maximum
APPLICATIONS
High impedance sensors
Photo diode amplifier
Precision instrumentation
Phase-locked loop filters
High end, professional audio
DAC output amplifier
ATE
Medical
PIN CONFIGURATIONS
NULL 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NULL
5
NC = NO CONNECT
ADA4627-1
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC_N (R-8)
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. CONNECT EXPOSED PAD TO GROUND.
1
NC
2
–IN
3
+IN
4
V–
7V+
8NC
6OUT
5NC
TOP VIEW
(Not toScale)
ADA4627-1
Figure 2. 8-Lead LFCSP_VD (CP-8-2)
GENERAL DESCRIPTION
The ADA4627-1 is a wide bandwidth precision amplifier
featuring low noise, very low offset, drift, and bias current.
Operation is specified from ±5 V to ±15 V dual supply.
The ADA4627-1 provides benefits previously found in few
amplifiers. This amplifier combines the best specifications of
precision dc and high speed ac op amps.
With a typical offset voltage of only 70 μV, drift of less than
1 μV/°C, and noise of only 0.86 μV p-p (0.1 Hz to 10 Hz), the
ADA4627-1 is suited for applications in which error sources
cannot be tolerated.
The ADA4627-1 is specified for both the industrial temperature
range of −25°C to +85°C and the extended industrial temper-
ature range of −40°C to +125°C. It is available in tiny 8-lead
LFCSP and 8-lead SOIC packages.
The ADA4627-1 is a member of a growing series of high speed,
precision op amps offered by Analog Devices, Inc (see Table 1).
Table 1. High Speed Precision Op Amps
Supply
5 V Low
Cost
5 V
26 V Low
Power
30 V Low
Cost
30 V
Single
AD8615
AD8651
AD8610
AD8510
ADA4627-1
Dual
AD8616
AD8652
AD8620
AD8512
Quad
AD8618
AD8513


Similar Part No. - ADA4627-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1 AD-ADA4627-1 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1ACPZ-R2 AD-ADA4627-1ACPZ-R2 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1ACPZ-R2 AD-ADA4627-1ACPZ-R2 Datasheet
761Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current
Rev. E
ADA4627-1ACPZ-R2 AD-ADA4627-1ACPZ-R2 Datasheet
781Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
ADA4627-1ACPZ-R7 AD-ADA4627-1ACPZ-R7 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
More results

Similar Description - ADA4627-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1 AD-ADA4627-1_10 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1 AD-ADA4627-1_15 Datasheet
781Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
logo
Texas Instruments
OPA828 TI1-OPA828 Datasheet
370Kb / 22P
[Old version datasheet]   Low-Offset, Low-Drift, Low-Noise, 50-MHz, 36-V JFET-Input Operational Amplifier
logo
Analog Devices
OP41AJ AD-OP41AJ Datasheet
505Kb / 11P
   Low-Bias-Current, High-Stability JFET Operational Amplifier
OP-41 AD-OP-41_15 Datasheet
3Mb / 11P
   LOW BIAS CURRENT HIGH STABILITY JFET OPERATIONAL AMPLIFIER
OP-41 AD-OP-41 Datasheet
505Kb / 6P
   LOW-BIAS-CURRENT, HIGH-STABILITY JFET OPERATIONAL AMPLIFIER
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
logo
Texas Instruments
OPA828 TI-OPA828_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V JFET-Input, Operational Amplifiers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com