Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16260BCCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16260BCCZ
Description  Programmable Low Power Gyroscope
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16260BCCZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16260BCCZ Datasheet HTML 1Page - Analog Devices ADIS16260BCCZ Datasheet HTML 2Page - Analog Devices ADIS16260BCCZ Datasheet HTML 3Page - Analog Devices ADIS16260BCCZ Datasheet HTML 4Page - Analog Devices ADIS16260BCCZ Datasheet HTML 5Page - Analog Devices ADIS16260BCCZ Datasheet HTML 6Page - Analog Devices ADIS16260BCCZ Datasheet HTML 7Page - Analog Devices ADIS16260BCCZ Datasheet HTML 8Page - Analog Devices ADIS16260BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Preliminary Technical Data
ADIS16260/ADIS16265
Rev. PrB | Page 5 of 19
TIMING SPECIFICATIONS
TA = −40°C to +85°C, VCC = 5.0 V, unless otherwise noted.
Table 2.
Parameter
Description
Min1
Typ
Max1
Unit
fSCLK
Fast mode, SMPL_PRD ≤ 0x07 (fS ≥ 64 Hz)
0.01
2.5
MHz
Normal mode, SMPL_PRD ≥ 0x08 (fS ≤ 56.9 Hz)
0.01
1.0
MHz
tDATARATE
Data rate period, fast mode, SMPL_PRD ≤ 0x07 (fS ≥ 64 Hz)
32
μs
Data rate period, normal mode, SMPL_PRD ≥ 0x08 (fS ≤ 56.9 Hz)
42
μs
tSTALL
Stall period, fast mode, SMPL_PRD ≤ 0x07 (fS ≥ 64 Hz)
9
μs
Stall period, normal mode, SMPL_PRD ≥ 0x08 (fS ≤ 56.9 Hz)
12
μs
tCS
Chip select to clock edge
48.8
ns
tDAV
Data output valid after SCLK falling edge2
100
ns
tDSU
Data input setup time before SCLK rising edge
24.4
ns
tDHD
Data input hold time after SCLK rising edge
48.8
ns
tDF
Data output fall time
5
12.5
ns
tDR
Data output rise time
5
12.5
ns
tSFS
CS high after SCLK edge3
5
ns
Flash update time (power supply must be within range)
50
ms
1 Guaranteed by design; not production tested.
2 The MSB presents an exception to this parameter. The MSB clocks out on the falling edge of CS. The rest of the DOUT bits are clocked after the falling edge of SCLK and
are governed by this specification.
3 This parameter may need to be expanded to allow for proper capture of the LSB. After CS goes high, the DOUT line goes into a high impedance state.
CS
SCLK
tDATARATE
tDATASTALL
Figure 2. SPI Chip Select Timing
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
W/R
A5
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tSFS
tDAV
tDHD
tDSU
*
*NOT DEFINED
Figure 3. SPI Timing (Using SPI Settings Typically Identified as Phase = 1, Polarity = 1)


Similar Part No. - ADIS16260BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16260 AD-ADIS16260 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16260PCBZ AD-ADIS16260PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16260BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16255 AD-ADIS16255_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16251 AD-ADIS16251 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope
Rev. PrA
ADIS16250 AD-ADIS16250_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16250 AD-ADIS16250 Datasheet
445Kb / 20P
   Programmable Low Power Gyroscope
REV. 0
ADIS16251 AD-ADIS16251_15 Datasheet
462Kb / 24P
   Programmable Low Power Gyroscope
REV. A
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope with Temperature Compensation
Rev. PrA
logo
Bosch Sensortec GmbH
BMG250 BOSCH-BMG250 Datasheet
1Mb / 74P
   Low noise, low power triaxial gyroscope
logo
Maxim Integrated Produc...
MAX21002 MAXIM-MAX21002 Datasheet
982Kb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX21000 MAXIM-MAX21000 Datasheet
1Mb / 26P
   Ultra-Accurate, Low Power, 3-Axis Digital Output Gyroscope
Rev 1; 2/13
MAX21003 MAXIM-MAX21003 Datasheet
2Mb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com