Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16260BCCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16260BCCZ
Description  Programmable Low Power Gyroscope
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16260BCCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16260BCCZ Datasheet HTML 2Page - Analog Devices ADIS16260BCCZ Datasheet HTML 3Page - Analog Devices ADIS16260BCCZ Datasheet HTML 4Page - Analog Devices ADIS16260BCCZ Datasheet HTML 5Page - Analog Devices ADIS16260BCCZ Datasheet HTML 6Page - Analog Devices ADIS16260BCCZ Datasheet HTML 7Page - Analog Devices ADIS16260BCCZ Datasheet HTML 8Page - Analog Devices ADIS16260BCCZ Datasheet HTML 9Page - Analog Devices ADIS16260BCCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADIS16260/ADIS16265
Preliminary Technical Data
Rev. PrB | Page 6 of 19
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration (Any Axis, Unpowered, 0.5 ms)
2000 g
Acceleration (Any Axis, Powered, 0.5 ms)
2000 g
VCC to COM
−0.3 V to +6.0 V
Digital Input/Output Voltage to COM
−0.3 V to +5.5 V
Analog Inputs to COM
−0.3 V to +3.5 V
Operating Temperature Range1
−40°C to +105°C
Storage Temperature Range1
−65°C to +150°C
1 Extended exposure to temperatures outside of the specified temperature
range of −40°C to +85°C can adversely affect the accuracy of the factory
calibration. For best accuracy, store the parts within the specified operating
range of −40°C to +85°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
RATEOUT
RATEIN
+8191 LSB
–8192 LSB
1
5 6
10
LONGITUDINAL
AXIS
CLOCKWISE
ROTATION
RATE
AXIS
LATERAL
AXIS
Figure 4. RATEOUT Level Increase with Clockwise Rotation Increase
ESD CAUTION


Similar Part No. - ADIS16260BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16260 AD-ADIS16260 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16260PCBZ AD-ADIS16260PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16260BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16255 AD-ADIS16255_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16251 AD-ADIS16251 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope
Rev. PrA
ADIS16250 AD-ADIS16250_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16250 AD-ADIS16250 Datasheet
445Kb / 20P
   Programmable Low Power Gyroscope
REV. 0
ADIS16251 AD-ADIS16251_15 Datasheet
462Kb / 24P
   Programmable Low Power Gyroscope
REV. A
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope with Temperature Compensation
Rev. PrA
logo
Bosch Sensortec GmbH
BMG250 BOSCH-BMG250 Datasheet
1Mb / 74P
   Low noise, low power triaxial gyroscope
logo
Maxim Integrated Produc...
MAX21002 MAXIM-MAX21002 Datasheet
982Kb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX21000 MAXIM-MAX21000 Datasheet
1Mb / 26P
   Ultra-Accurate, Low Power, 3-Axis Digital Output Gyroscope
Rev 1; 2/13
MAX21003 MAXIM-MAX21003 Datasheet
2Mb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com