Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16400BMLZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16400BMLZ
Description  Triaxial Inertial Sensor with Magnetometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16400BMLZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16400BMLZ Datasheet HTML 1Page - Analog Devices ADIS16400BMLZ Datasheet HTML 2Page - Analog Devices ADIS16400BMLZ Datasheet HTML 3Page - Analog Devices ADIS16400BMLZ Datasheet HTML 4Page - Analog Devices ADIS16400BMLZ Datasheet HTML 5Page - Analog Devices ADIS16400BMLZ Datasheet HTML 6Page - Analog Devices ADIS16400BMLZ Datasheet HTML 7Page - Analog Devices ADIS16400BMLZ Datasheet HTML 8Page - Analog Devices ADIS16400BMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADIS16400/ADIS16405
Rev. B | Page 5 of 20
Parameter
Test Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Voltage Range, VCC
4.75
5.0
5.25
V
Power Supply Current
Low power mode at 25°C
45
mA
Normal mode at 25°C
70
mA
Sleep mode at 25°C
600
μA
1 The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
2 Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
3 The data retention lifetime equivalent is at a junction temperature (TJ) of 85°C as per JEDEC Standard 22, Method A117. Data retention lifetime decreases with junction
temperature.
4 These times do not include thermal settling and internal filter response times (330 Hz bandwidth), which may affect overall accuracy.


Similar Part No. - ADIS16400BMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16400BMLZ AD-ADIS16400BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16400BMLZ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
STMicroelectronics
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
   iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
   iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
March 2015 Rev 3
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
List of Unclassifed Man...
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
   Digital, triaxial acceleration sensor
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA145 BOSCH-BMA145 Datasheet
555Kb / 26P
   Triaxial, analog acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com