Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5380 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5380
Description  400 MHz to 6 GHz Quadrature Demodulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380 Datasheet(HTML) 3 Page - Analog Devices

  ADL5380 Datasheet HTML 1Page - Analog Devices ADL5380 Datasheet HTML 2Page - Analog Devices ADL5380 Datasheet HTML 3Page - Analog Devices ADL5380 Datasheet HTML 4Page - Analog Devices ADL5380 Datasheet HTML 5Page - Analog Devices ADL5380 Datasheet HTML 6Page - Analog Devices ADL5380 Datasheet HTML 7Page - Analog Devices ADL5380 Datasheet HTML 8Page - Analog Devices ADL5380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADL5380
Rev. 0 | Page 3 of 36
SPECIFICATIONS
VS = 5 V, TA = 25°C, fLO = 900 MHz, fIF = 4.5 MHz, PLO = 0 dBm, ZO = 50 Ω, unless otherwise noted. Baseband outputs differentially
loaded with 450 Ω. Loss of the balun used to drive the RF port was de-embedded from these measurements.
Table 1.
Parameter
Condition
Min
Typ
Max
Unit
OPERATING CONDITIONS
LO and RF Frequency Range
0.4
6
GHz
LO INPUT
LOIP, LOIN
Input Return Loss
LO driven differentially through a balun at 900 MHz
−10
dB
LO Input Level
−6
0
+6
dBm
I/Q BASEBAND OUTPUTS
QHI, QLO, IHI, ILO
Voltage Conversion Gain
450 Ω differential load on I and Q outputs at 900 MHz
6.9
dB
200 Ω differential load on I and Q outputs at 900 MHz
5.9
dB
Demodulation Bandwidth
1 V p-p signal, 3 dB bandwidth
390
MHz
Quadrature Phase Error
At 900 MHz
0.2
Degrees
I/Q Amplitude Imbalance
0.07
dB
Output DC Offset (Differential)
0 dBm LO input at 900 MHz
±10
mV
Output Common Mode
Dependent on ADJ pin setting
VADJ ~ 4 V (set by 1.5 kΩ from ADJ pin to VS)
VS − 2.5
V
VADJ ~ 4.8 V (set by 200 Ω from ADJ pin to VS)
VS − 2.8
V
VADJ ~ 2.4 V (ADJ pin open)
VS − 1.2
V
0.1 dB Gain Flatness
37
MHz
Output Swing
Differential 200 Ω load
2
V p-p
Peak Output Current
Each pin
12
mA
POWER SUPPLIES
VS = VCC1, VCC2, VCC3
Voltage
4.75
5.25
V
Current
1.5 kΩ from ADJ pin to VS; ENBL pin low
245
mA
1.5 kΩ from ADJ pin to VS; ENBL pin high
145
mA
ENABLE FUNCTION
Pin ENBL
Off Isolation
−70
dB
Turn-On Settling Time
ENBL high to low
45
ns
Turn-Off Settling Time
ENBL low to high
950
ns
ENBL High Level (Logic 1)
2.5
V
ENBL Low Level (Logic 0)
1.7
V
DYNAMIC PERFORMANCE at RF = 900 MHz
VADJ ~ 4 V (set by 1.5 kΩ from ADJ pin to VS)
Conversion Gain
6.9
dB
Input P1dB
11.6
dBm
RF Input Return Loss
RFIP, RFIN driven differentially through a balun
−19
dB
Second-Order Input Intercept (IIP2)
−5 dBm each input tone
68
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each input tone
29.7
dBm
LO to RF
RFIN, RFIP terminated in 50 Ω
−52
dBm
RF to LO
LOIN, LOIP terminated in 50 Ω
−67
dBc
IQ Magnitude Imbalance
0.07
dB
IQ Phase Imbalance
0.2
Degrees
Noise Figure
10.9
dB
Noise Figure Under Blocking Conditions
With a −5 dBm input interferer 5 MHz away
13.1
dB


Similar Part No. - ADL5380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
429Kb / 5P
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
More results

Similar Description - ADL5380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
   50 MHz to 2 GHz Quadrature Demodulator
REV. 0
logo
Skyworks Solutions Inc.
SKY73012 SKYWORKS-SKY73012 Datasheet
893Kb / 25P
   400 - 3900 MHz Direct Quadrature Demodulator
SKY73009 SKYWORKS-SKY73009 Datasheet
619Kb / 22P
   400 -3000 MHz Direct Quadrature Demodulator
logo
Analog Devices
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
   700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
logo
Skyworks Solutions Inc.
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
   SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
logo
Analog Devices
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com