Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1491EBRZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1491EBRZ-REEL7
Description  16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1491EBRZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADM1491EBRZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM1491EBRZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM1491EBRZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM1491EBRZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM1491EBRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM1491EBRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM1491EBRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM1491EBRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM1491EBRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16 Mbps, ESD Protected,
Full-Duplex RS-485 Transceivers
ADM1490E/ADM1491E
FEATURES
RS-485/RS-422 full-duplex transceiver for high speed motor
control applications
16 Mbps data rate
±8 kV ESD protection on RS-485 input/output pins
Complies with ANSI/TIA/EIA-485-A-1998
Open circuit fail-safe
Suitable for 5 V power supply applications
32 nodes on the bus (1 unit load)
Thermal shutdown protection
Operating temperature range: −40°C to +85°C
ADM1490E packages
Narrow body, 8-lead SOIC
8-lead MSOP
ADM1491E packages
Narrow-body, 14-lead SOIC
10-lead MSOP
APPLICATIONS
RS-485/RS-422 interfaces
Industrial field networks
High data rate motor control
Multipoint data transmission systems
Single-ended-to-differential signal conversion
FUNCTIONAL BLOCK DIAGRAMS
Figure 1.
Figure 2.
GENERAL DESCRIPTION
The ADM1490E/ADM1491E are RS-485/RS-422 transceivers
with ±8 kV ESD protection and are suitable for high speed, full-
duplex communication on multipoint transmission lines. In
particular, the ADM1490E/ADM1491E are designed for use in
motor control applications requiring communications at data rates
up to 16 Mbps.
The ADM1490E/ADM1491E are designed for balanced trans-
mission lines and comply with TIA/EIA-485-A-98. The devices
each have a 12 kΩ receiver input impedance for unit load RS-
485 operation, allowing up to 32 nodes on the bus.
The differential transmitter outputs and receiver inputs feature
electrostatic discharge circuitry that provides protection to ±8 kV
using the human body model (HBM).
The ADM1490E/ADM1491E operate from a single 5 V power
supply. Excessive power dissipation caused by bus contention or
output shorting is prevented by short-circuit protection and
thermal circuitry. Short-circuit protection circuits limit the
maximum output current to ±250 mA during fault conditions.
A thermal shutdown circuit senses if the die temperature rises
above 150°C and forces the driver outputs into a high impedance
state under this condition.
The receiver of the ADM1490E/ADM1491E contains a fail-safe
feature that results in a logic high output state if the inputs are
unconnected (floating).
The ADM1490E/ADM1491E feature extremely fast and closely
matched switching times. Minimal driver propagation delays
permit transmission at data rates up to 16 Mbps, and low skew
minimizes EMI interference.
The ADM1490E/ADM1491E are fully specified over the
commercial and industrial temperature ranges. The ADM1490E
is available in two packages: a narrow body, 8-lead SOIC and an
8-lead MSOP. The ADM1491E is also available in two packages:
a narrow body, 14-lead SOIC and a 10-lead MSOP.
ADM1490E
RO
DI
A
B
Z
Y
VCC
GND
R
D
ADM1491E
RO
RE
DE
DI
A
B
Z
Y
GND
R
D
VCC
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2009 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADM1491EBRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1491EBRZ-REEL7 AD-ADM1491EBRZ-REEL7 Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1491EBRZ-REEL7 AD-ADM1491EBRZ-REEL7 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
More results

Similar Description - ADM1491EBRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com