Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1612 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1612
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1612 Datasheet(HTML) 5 Page - Analog Devices

  ADP1612 Datasheet HTML 1Page - Analog Devices ADP1612 Datasheet HTML 2Page - Analog Devices ADP1612 Datasheet HTML 3Page - Analog Devices ADP1612 Datasheet HTML 4Page - Analog Devices ADP1612 Datasheet HTML 5Page - Analog Devices ADP1612 Datasheet HTML 6Page - Analog Devices ADP1612 Datasheet HTML 7Page - Analog Devices ADP1612 Datasheet HTML 8Page - Analog Devices ADP1612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 5 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
COMP 1
FB
2
EN
3
GND
4
SS
8
FREQ
7
VIN
6
SW
5
ADP1612/
ADP1613
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMP
Compensation Input. Connect a series resistor-capacitor network from COMP to GND to compensate the regulator.
2
FB
Output Voltage Feedback Input. Connect a resistive voltage divider from the output voltage to FB to set the
regulator output voltage.
3
EN
Enable Input. Drive EN low to shut down the regulator; drive EN high to turn on the regulator.
4
GND
Ground.
5
SW
Switching Output. Connect the power inductor from the input voltage to SW and connect the external rectifier
from SW to the output voltage to complete the step-up converter.
6
VIN
Main Power Supply Input. VIN powers the ADP1612/ADP1613 internal circuitry. Connect VIN to the input source
voltage. Bypass VIN to GND with a 10 μF or greater capacitor as close to the ADP1612/ADP1613 as possible.
7
FREQ
Frequency Setting Input. FREQ controls the switching frequency. Connect FREQ to GND to program the oscillator
to 650 kHz, or connect FREQ to VIN to program it to 1.3 MHz. If FREQ is left floating, the part defaults to 650 kHz.
8
SS
Soft Start Timing Capacitor Input. A capacitor connected from SS to GND brings up the output slowly at power-
up and reduces inrush current.


Similar Part No. - ADP1612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP161 AD-ADP161 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
   1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
More results

Similar Description - ADP1612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1614 AD-ADP1614 Datasheet
415Kb / 16P
   650 kHz/1.3 MHz, 4 A, Step-Up
REV. 0
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
logo
Torex Semiconductor
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com