Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL325 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL325
Description  Small, Low Power, 3-Axis 짹5 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL325 Datasheet(HTML) 5 Page - Analog Devices

  ADXL325 Datasheet HTML 1Page - Analog Devices ADXL325 Datasheet HTML 2Page - Analog Devices ADXL325 Datasheet HTML 3Page - Analog Devices ADXL325 Datasheet HTML 4Page - Analog Devices ADXL325 Datasheet HTML 5Page - Analog Devices ADXL325 Datasheet HTML 6Page - Analog Devices ADXL325 Datasheet HTML 7Page - Analog Devices ADXL325 Datasheet HTML 8Page - Analog Devices ADXL325 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADXL325
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
NC
1
ST
2
COM
3
NC
4
XOUT
12
NC
11
YOUT
10
NC
9
56
7
8
16
15
14
13
ADXL325
TOP VIEW
(Not to Scale)
+X
+Z
+Y
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect (or Optionally Ground)
2
ST
Self Test
3
COM
Common
4
NC
No Connect
5
COM
Common
6
COM
Common
7
COM
Common
8
ZOUT
Z Channel Output
9
NC
No Connect (or Optionally Ground)
10
YOUT
Y Channel Output
11
NC
No Connect
12
XOUT
X Channel Output
13
NC
No Connect
14
VS
Supply Voltage (1.8 V to 3.6 V)
15
VS
Supply Voltage (1.8 V to 3.6 V)
16
NC
No Connect
EP
Exposed pad
Not internally connected. Solder for mechanical integrity.


Similar Part No. - ADXL325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

Similar Description - ADXL325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com