Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-012-02M6-1PN Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 800-012-02M6-1PN
Description  Printed Circuit Board Receptacle Ordering Info
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-012-02M6-1PN Datasheet(HTML) 2 Page - Glenair, Inc.

  800-012-02M6-1PN Datasheet HTML 1Page - Glenair, Inc. 800-012-02M6-1PN Datasheet HTML 2Page - Glenair, Inc. 800-012-02M6-1PN Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-11
E-Mail: sales@glenair.com
DIMENSIONS
Shell
Size
Ø A
Ø B
C
D Threads
Mating
Ø E
Tail Dia.
F Max
G
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
5
.541
13.74
.500
12.70
.285
7.24
.3125-28 UN-2A
#23
.018/.022 (0.46/0.56)
#20
.024/.028 (0.61/0.71)
#16
.060/.064 (1.52/1.63)
#12
.092/.096 (2.34/2.44)
.725
18.42
.247
6.27
6
.610
15.49
.562
14.27
.352
8.94
.3750-28 UN-2A
.725
18.42
.247
6.27
7
.670
17.02
.635
16.13
.411
10.44
.4375-28 UNEF-2A
.700
17.78
.205
5.21
8
.775
19.69
.735
18.67
.473
12.01
.5000-32 UN-2A
.700
17.78
.205
5.21
9
.875
22.23
.806
20.47
.530
13.46
.5625-32 UN-2A
.700
17.78
.205
5.21
10
.980
24.89
.940
23.88
.604
15.34
.6250-32 UN-2A
.700
17.78
.205
5.21
12
1.062
26.97
.986
25.04
.712
18.08
.7500-28 UN-2A
.700
17.78
.205
5.21
SERIES 800 KEY POSITIONS
Plug
Receptacle
Key Position
Key Rotation
Normal (N)
150°
X
140°
Y
130°
Z
120°
Shell size 5 and 6: master key is located at top dead center for normal
(N) position. Shell size 7 thru 12: master key is rotated 90° from TDC
for normal position.
NORMAL
60°
60°
NORMAL
Series 800 “Mighty Mouse” with UN Mating Thread
Printed Circuit Board Receptacle Dimensions
Jam Nut Receptacle 800-012-07
4X .025 (.64) STANDOFF
SOLDER CUP CONTACT REF.
F MAX
D THREAD
.460 (11.7)
B FLATS
C FLAT
Ø A
.051 (1.3) SHELL SIZE 5 & 6
.093 (2.4) SHELL SIZE 7 THRU 12
.125 (3.2) MAX
PANEL THICKNESS
SHELL SIZE 5 & 6
.100 (2.5) MAX
PANEL THICKNESS
SHELL SIZE 7 & UP
.125 (3.18) MIN
ø E
G
SERIES 800 PANEL CUTOUTS
A
FLAT
ø B
Shell
Size
A Flat
øB
In.
mm.
In.
mm.
5
.302 / .298
7.67/ 7.57
.318
8.08
6
.365 / .361
9.27/9.17
.386
9.80
7
.424 / .420
10.77/ 10.67
.449
11.40
8
.486/ .482
12.34/ 12.24
.510
12.95
9
.543/ .539
13.79/ 13.69
.574
14.58
10
.617/.613
15.67/ 15.57
.635
16.12
12
.725/.721
18.42/ 18.31
.760
19.30
Rev. 01-FEB-2009


Similar Part No. - 800-012-02M6-1PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
More results

Similar Description - 800-012-02M6-1PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Molex Electronics Ltd.
0731000232 MOLEX11-0731000232 Datasheet
55Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
0731000232 MOLEX-0731000232_V01 Datasheet
46Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
73100-0232 MOLEX11-73100-0232 Datasheet
34Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
logo
Intersil Corporation
ICL3221IAZ-T INTERSIL-ICL3221IAZ-T Datasheet
662Kb / 28P
   Pb-Free Plus Anneal Available as an Option RoHS Compliant) (See Ordering Info)
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
Glenair, Inc.
800-010-01C5-3PN GLENAIR-800-010-01C5-3PN Datasheet
243Kb / 4P
   Crimp Receptacle Ordering Information
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com