Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-006-16C5-3A Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 800-006-16C5-3A
Description  Plug Connector Ordering Information
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-006-16C5-3A Datasheet(HTML) 2 Page - Glenair, Inc.

  800-006-16C5-3A Datasheet HTML 1Page - Glenair, Inc. 800-006-16C5-3A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-5
E-Mail: sales@glenair.com
Ø C
Ø B
A HEX
.850 (21.6)
MAX
SAFETY WIRE HOLE
3X .031/.027 (0.79/0.69)
E THREADS
Ø D
F THREADS
Hex Coupling Nut
800-006
800-007
Round Knurled
Coupling Nut
800-008
800-009
Integral Band
Platform
800-006
800-008
Accessory Threads
800-007
800-009
DIMENSIONS
Shell
Size
A Hex
Style 06
A Hex
Style 16
Ø B
Style 06
Ø B
Style 16
Ø C
Style 06
Ø C
Style 16
Ø D
E Threads
Coupling Nut
F Threads
Accessory
In.
mm.
In .
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
5
.430
10.92
.495
12.57
.470
11.94
.540
13.72
.430
10.92
.490
12.45
.230
5.84
.3125-28 UN-2B
.250-32 UNEF-2A
6
.500
12.70
.563
14.30
.550
13.97
.620
15.75
.500
12.70
.560
14.22
.286
7.26
.3750-28 UN-2B
.3125-32 UNEF-2A
7
.625
15.88
.720
18.29
.680
17.27
.800
20.32
.620
15.75
.680
17.27
.390
9.91
.4375-28 UNEF-2B
.4375-28 UNEF-2A
8
.680
17.27
.743
18.87
.750
19.05
.830
21.08
.680
17.27
.750
19.05
.445
11.30
.5000-32 UN-2B
.5000-28 UNEF-2A
9
.750
19.05
.813
20.65
.830
21.08
.890
22.61
.750
19.05
.810
20.57
.500
12.70
.5625-32 UN-2B
.5625-24 UNEF-2A
10
.812
20.62
.875
22.23
.900
22.86
.960
24.38
.810
20.57
.880
23.35
.565
14.35
.6250-32 UN-2B
.6250-24 UNEF-2A
12
.875
22.23
.938
23.83
.970
24.64 1.030
26.16
.880
22.35
.940
23.88
.650
16.51
.7500-28 UN-2B
.6875-24 UNEF-2A
SERIES 800 KEY POSITIONS
Key Position
Key Rotation
Plug Key Position
Receptacle Key Position
Normal (N)
150°
X
140°
Y
130°
Z
120°
Shell size 5 and 6: master key is located at
top dead center for normal (N) position. Shell
size 7 thru 12: master key is rotated 90° from
TDC for normal position.
NORMAL
60°
60°
NORMAL
Series 800 “Mighty Mouse” with UN Mating Thread
Plug Connector Dimensions
800-006 Thru 800-009
Rev. 01-FEB-2009


Similar Part No. - 800-006-16C5-3A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-006 GLENAIR-800-006 Datasheet
158Kb / 1P
   Mighty Mouse UN Mating Thread Plug
More results

Similar Description - 800-006-16C5-3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
   ORDERING INFORMATION (OBSOLETE*)
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Glenair, Inc.
800-010-01C5-3PN GLENAIR-800-010-01C5-3PN Datasheet
243Kb / 4P
   Crimp Receptacle Ordering Information
logo
List of Unclassifed Man...
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com