Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-013-02ZL6-7PY Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 800-013-02ZL6-7PY
Description  Hermetic Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-013-02ZL6-7PY Datasheet(HTML) 3 Page - Glenair, Inc.

  800-013-02ZL6-7PY Datasheet HTML 1Page - Glenair, Inc. 800-013-02ZL6-7PY Datasheet HTML 2Page - Glenair, Inc. 800-013-02ZL6-7PY Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-19
E-Mail: sales@glenair.com
DIMENSIONS
Shell
Size
Ø A
Ø B
C
D Threads
Mating
Ø E
PC TAIL DIA.
± .002 (0.05)
In.
mm.
In.
mm.
In.
mm.
5
.541
13.74
.500
12.70
.285
7.24
.3125-28 UN-2A
Size #22
.020 (0.51)
Size #20
.026 (0.66)
Size #16
.062 (1.57)
Size #12
.094 (2.34)
6
.610
15.49
.562
14.27
.352
8.94
.3750-28 UN-2A
7
.670
17.02
.635
16.13
.411
10.44
.4375-28 UNEF-2A
8
.775
19.69
.735
18.67
.473
12.01
.5000-32 UN-2A
9
.875
22.23
.806
20.47
.530
13.46
.5625-32 UN-2A
10
.980
24.89
.940
23.88
.604
15.34
.6250-32 UN-2A
12
1.062
26.97
.986
25.04
.712
18.08
.7500-28 UN-2A
SERIES 800 KEY POSITIONS
Plug
Receptacle
Key Position
Key Rotation
Normal (N)
150°
X
140°
Y
130°
Z
120°
Shell size 5 and 6: master key is located at top dead center for normal (N)
position. Shell size 7 thru 12: master key is rotated 90° from TDC.
NORMAL
60°
60°
NORMAL
SOLDER CUP
.125 (3.2) SHELL SIZE 5 & 6
.168 (4.27) SHELL SIZE 7 THRU 12
4X .025 (.64) STANDOFF
Ø E
.725 (18.4) MAX
D THREAD
.125 (3.2) MAX
PANEL THICKNESS
SHELL SIZE 5 & 6
.100 (2.5) MAX
PANEL THICKNESS
SHELL SIZE 7 & UP
.050 (1.3) SHELL SIZE 5 & 6
.093 (2.4) SHELL SIZE 7 THRU 12
.460 (11.7)
B FLATS
C FLAT
Ø A
Series 800 “Mighty Mouse” with UN Mating Thread
Hermetic Connector Dimensions
800-013-07 Jam Nut
SERIES 800 PANEL CUTOUTS
A
FLAT
ø B
Shell
Size
A Flat
øB
In.
mm.
In.
mm.
5
.302 / .298
7.67/ 7.57
.318
8.08
6
.365 / .361
9.27/9.17
.386
9.80
7
.424 / .420
10.77/ 10.67
.449
11.40
8
.486/ .482
12.34/ 12.24
.510
12.95
9
.543/ .539
13.79/ 13.69
.574
14.58
10
.617/.613
15.67/ 15.57
.635
16.12
12
.725/.721
18.42/ 18.31
.760
19.30
Rev. 01-FEB-2009


Similar Part No. - 800-013-02ZL6-7PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-013 GLENAIR-800-013 Datasheet
313Kb / 4P
   Mighty Mouse Hermetic Receptacles
More results

Similar Description - 800-013-02ZL6-7PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-006-07Z15-3PN GLENAIR-803-006-07Z15-3PN Datasheet
295Kb / 2P
   Hermetic Receptacles
804-006-00Z15-3PA GLENAIR-804-006-00Z15-3PA Datasheet
507Kb / 3P
   Hermetic Receptacles
805-006-02Z18-1PA GLENAIR-805-006-02Z18-1PA Datasheet
147Kb / 2P
   Hermetic Receptacles
803-006 GLENAIR-803-006 Datasheet
221Kb / 2P
   Mighty Mouse Hermetic Receptacles
800-013 GLENAIR-800-013 Datasheet
313Kb / 4P
   Mighty Mouse Hermetic Receptacles
804-006 GLENAIR-804-006 Datasheet
316Kb / 3P
   Mighty Mouse Hermetic Receptacles
257-215 GLENAIR-257-215_15 Datasheet
292Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-215 GLENAIR-257-215 Datasheet
166Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-216 GLENAIR-257-216 Datasheet
177Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-216 GLENAIR-257-216 Datasheet
305Kb / 2P
   Jam Nut Mount Hermetic Receptacles
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com