Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-012-02UCR5-3PX Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 800-012-02UCR5-3PX
Description  Printed Circuit Board Receptacle Ordering Info
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-012-02UCR5-3PX Datasheet(HTML) 1 Page - Glenair, Inc.

  800-012-02UCR5-3PX Datasheet HTML 1Page - Glenair, Inc. 800-012-02UCR5-3PX Datasheet HTML 2Page - Glenair, Inc. 800-012-02UCR5-3PX Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-10
E-Mail: sales@glenair.com
Series 800 PCB Receptacle
Series 800 Receptacles
feature gold-
plated straight PCB tails or solder cup
contacts. Contacts are non-removable.
Two Shell Styles:
jam nut with o-ring
for rear panel mounting, or square
flange.
HOW TO ORDER
Sample Part Number
800-012
-07
M
7-10
P
Z
Series
Shell Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact
Type
Shell Key
Position
800-012
PCB Receptacle,
Vertical Mount
-02
Square Flange
-07
Jam Nut
C
Aluminum / Black Anodize
(Non-Conductive)
RoHS Compliant
M
Aluminum / Electroless
Nickel
RoHS Compliant
NF
Aluminum / Cadmium with
Olive Drab Chromate
ZN
Aluminum / Zinc-Nickel with
Olive Drab Chromate
UCR
Aluminum / Zinc-Cobalt with
Black Chromate
RoHS Compliant
ZNU
Aluminum / Zinc-Nickel with
Black Chromate
MT
Aluminum / Nickel-PTFE
RoHS Compliant
Z1
Stainless Steel / Passivated
RoHS Compliant
No. of Contacts
Arr.
#23 #20 #16 #12
5-3
3
6-1
1
6-4
4
6-7
7
7-1
1
7-10
10
8-2
2
8-13
13
8-200
42
9-4
4
9-19
19
9-200
42
9-201
82
10-5
5
10-26 26
10-200 12
1
10-201 42
10-202 82
12-2
2
12-3
3
12-7
7
12-37 37
12-200 62
12-201 10
2
P
Pin
S
Socket
E
Pin,
Solder Cup
F
Socket,
Solder Cup
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
Epoxy Sealed
to prevent water
ingress in “open face” condition.
Integral Standoffs
allow clearance
for washing.
Series 800 “Mighty Mouse” with UN Mating Thread
Printed Circuit Board Receptacle Ordering Info
800-012-02 and 800-012-07
Rev. 01-FEB-2009


Similar Part No. - 800-012-02UCR5-3PX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
More results

Similar Description - 800-012-02UCR5-3PX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Molex Electronics Ltd.
0731000232 MOLEX11-0731000232 Datasheet
55Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
0731000232 MOLEX-0731000232_V01 Datasheet
46Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
73100-0232 MOLEX11-73100-0232 Datasheet
34Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
logo
Intersil Corporation
ICL3221IAZ-T INTERSIL-ICL3221IAZ-T Datasheet
662Kb / 28P
   Pb-Free Plus Anneal Available as an Option RoHS Compliant) (See Ordering Info)
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
Glenair, Inc.
800-010-01C5-3PN GLENAIR-800-010-01C5-3PN Datasheet
243Kb / 4P
   Crimp Receptacle Ordering Information
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com