Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

801-008-16ZNU6-4SB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 801-008-16ZNU6-4SB
Description  Double-Start ACME Thread
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-008-16ZNU6-4SB Datasheet(HTML) 1 Page - Glenair, Inc.

  801-008-16ZNU6-4SB Datasheet HTML 1Page - Glenair, Inc. 801-008-16ZNU6-4SB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-4
E-Mail: sales@glenair.com
Series 801 “Mighty Mouse”
Double-Start ACME Thread
A
B
C
D
E
F
G
H
J
K
L
M
HOW TO ORDER
Sample Part Number
801-007
-16
M
7-10
P
A
Series
Shell Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact Type
Shell Key
Position
801-007
Banding Platform
801-008
Rear Accessory
Thread
-16
Plug with Anti-
Decoupling
Spring
C
Aluminum / Black Anodize
M
Aluminum / Electroless
Nickel
NF
Aluminum / Cadmium with
Olive Drab Chromate
ZN
Aluminum / Zinc-Nickel with
Olive Drab Chromate
ZNU
Aluminum / Zinc-Nickel with
Black Chromate
Z1
Stainless Steel / Passivated
5-3
3 #23
6-1
1 #16
6-4
4 #23
6-7
7 #23
7-1
1 #12
7-10
10 #23
8-13
13 #23
9-4
4 #16
9-19
19 #23
10-26
26 #23
13-2
2 #12
13-37
37 #23
16-55
55 #23
17-85
85 #23
#23 contacts are packaged
with connectors. #16 and #12
contacts must be ordered
separately.
Standard #23 contacts
accept #22 through
#28 AWG wire. Use the
following contact codes to
specify these contacts:
P
Pin
S
Socket
Special contacts for
#26 to #30 AWG are
also available. Use the
following contact codes to
specify these contacts:
G
Pin
H
Socket
A
Normal
Alternate Key
Positions:
B
C
D
Series 801 Plug Connector
Series 801 Plug Connectors
Double-Start ACME Threads resist
cross-threading and shearing.These
aerospace-grade Series 801 plugs
feature 1½ turns of the coupling nut to
full mating.
Two Shell Styles: Integral platform for
direct shield attachment using BAND-
IT® termination system, or accessory
thread for attaching a strain relief.
Crimp, Rear Release contact
system, now with #12 and #16
M39029 coaxial or power contacts.
Harsh Environment: fluorosilicone
seals, aluminum or stainless steel
shells, and gold-plated beryllium copper
contacts for superior performance in
demanding applications.
Rev. 05-APR-2007
B
Se


Similar Part No. - 801-008-16ZNU6-4SB

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
801-00010 EEMAGNETIC-801-00010 Datasheet
120Kb / 3P
   Single through hole models
801-00024 EEMAGNETIC-801-00024 Datasheet
120Kb / 3P
   Single through hole models
801-00025 EEMAGNETIC-801-00025 Datasheet
120Kb / 3P
   Single through hole models
801-00027 EEMAGNETIC-801-00027 Datasheet
120Kb / 3P
   Single through hole models
logo
Glenair, Inc.
801-007 GLENAIR-801-007 Datasheet
237Kb / 1P
   Double-Start ACME Threads Plug
More results

Similar Description - 801-008-16ZNU6-4SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-009-01C5-3PA GLENAIR-801-009-01C5-3PA Datasheet
322Kb / 4P
   Double-Start ACME Thread
801-023-07C5-3PA GLENAIR-801-023-07C5-3PA Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-012-02Z15-3PA GLENAIR-801-012-02Z15-3PA Datasheet
280Kb / 4P
   Double-Start ACME Thread
801-025-AA2C5-3PA-72 GLENAIR-801-025-AA2C5-3PA-72 Datasheet
113Kb / 2P
   Double-Start ACME Thread
801-009-12-22 GLENAIR-801-009-12-22 Datasheet
278Kb / 1P
   Double-Start ACME Thread Receptacle
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-023 GLENAIR-801-023 Datasheet
200Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-075-07 GLENAIR-801-075-07 Datasheet
165Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-065 GLENAIR-801-065 Datasheet
194Kb / 1P
   Mighty Mouse Double Start ACME Thread
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com