Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-011-01C6-4AY Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 800-011-01C6-4AY
Description  Crimp Receptacle Ordering Information
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-011-01C6-4AY Datasheet(HTML) 2 Page - Glenair, Inc.

  800-011-01C6-4AY Datasheet HTML 1Page - Glenair, Inc. 800-011-01C6-4AY Datasheet HTML 2Page - Glenair, Inc. 800-011-01C6-4AY Datasheet HTML 3Page - Glenair, Inc. 800-011-01C6-4AY Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-7
E-Mail: sales@glenair.com
DIMENSIONS
Shell
Size
Ø A
B
C
D Threads
Mating
E Max.
Ø F
Ø G
H Max.
J Threads
Accessory
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
5
.541 13.74
.500 12.70
.285
7.24
.3125-28 UN-2A
.875 22.22
.230
5.84
.051
1.30
.850 21.59
.250-32 UNEF-2A
6
.610 15.49
.562 14.27
.352
8.94
.3750-28 UN-2A
.875 22.22
.286
7.26
.051
1.30
.850 21.59
.3125-32 UNEF-2A
7
.670 17.02
.635 16.13
.411
10.44
.4375-28 UNEF-2A
.875 22.22
.390
9.91
.093
2.36
.850 21.59
.4375-28 UNEF-2A
8
.775 19.69
.735 18.67
.473 12.01
.5000-32 UN-2A
.875 22.22
.445
11.30
.093
2.36
.850 21.59
.5000-28 UNEF-2A
9
.875 22.23
.806 20.47
.530 13.46
.5625-32 UN-2A
.875 22.22
.500
12.70
.093
2.36
.850 21.59
.5625-24 UNEF-2A
10
.980 24.89
.940 23.88
.604 15.34
.6250-32 UN-2A
.875 22.22
.565
14.35
.093
2.36
.850 21.59
.6250-24 UNEF-2A
12
1.062 26.97
.986 25.04
.712 18.08
.7500-28 UN-2A
.875 22.22
.650
16.51
.093
2.36
.850 21.59
.6875-24 UNEF-2A
SERIES 800 PANEL CUTOUTS
A
FLAT
ø B
Shell
Size
A Flat
øB
In.
mm.
In.
mm.
5
.302 / .298
7.67/ 7.57
.318
8.08
6
.365 / .361
9.27/9.17
.386
9.80
7
.424 / .420
10.77/ 10.67
.449
11.40
8
.486/ .482
12.34/ 12.24
.510
12.95
9
.543/ .539
13.79/ 13.69
.574
14.58
10
.617/.613
15.67/ 15.57
.635
16.12
12
.725/.721
18.42/ 18.31
.760
19.30
Integral Band Platform
800-010-07
Accessory Thread
800-011-07
SERIES 800 KEY POSITIONS
Plug
Receptacle
Key Position
Key Rotation
Normal (N)
150°
X
140°
Y
130°
Z
120°
Shell size 5 and 6: master key is located at top dead center for normal
(N) position. Shell size 7 thru 12: master key is rotated 90° from TDC.
NORMAL
60°
60°
NORMAL
Series 800 “Mighty Mouse” with UN Mating Thread
Jam Nut Crimp Receptacle Dimensions
800-010-07 and 800-011-07
D THREAD
G
B FLATS
C FLAT
Ø A
E MAX
Ø F
H MAX
D THREAD
J THREAD
.460 (11.7)
.460 (11.7)
.125 (3.2) MAX
PANEL THICKNESS
SHELL SIZE 5 & 6
.100 (2.5) MAX
PANEL THICKNESS
SHELL SIZE 7 & UP
.125 (3.2) MAX
PANEL THICKNESS
SHELL SIZE 5 & 6
.100 (2.5) MAX
PANEL THICKNESS
SHELL SIZE 7 & UP
G
Rev. 01-FEB-2009


Similar Part No. - 800-011-01C6-4AY

ManufacturerPart #DatasheetDescription
logo
Littelfuse
800-01 LITTELFUSE-800-01 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
logo
Glenair, Inc.
800-010-01 GLENAIR-800-010-01 Datasheet
242Kb / 1P
   Inline and Panel Mount Receptacles
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
800-012-02C5-3EN GLENAIR-800-012-02C5-3EN Datasheet
154Kb / 3P
   Printed Circuit Board Receptacle Ordering Info
800-012-02C5-3EX GLENAIR-800-012-02C5-3EX Datasheet
154Kb / 3P
   Printed Circuit Board Receptacle Ordering Info
More results

Similar Description - 800-011-01C6-4AY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-011-02C5-3PA GLENAIR-801-011-02C5-3PA Datasheet
456Kb / 2P
   PCB Receptacle Ordering Information
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
   ORDERING INFORMATION (OBSOLETE*)
logo
Glenair, Inc.
800-006-06C5-3P GLENAIR-800-006-06C5-3P Datasheet
188Kb / 2P
   Plug Connector Ordering Information
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com