Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP213EEA-L Datasheet(PDF) 5 Page - Exar Corporation

Part # SP213EEA-L
Description  Low Power, High ESD 5V RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP213EEA-L Datasheet(HTML) 5 Page - Exar Corporation

  SP213EEA-L Datasheet HTML 1Page - Exar Corporation SP213EEA-L Datasheet HTML 2Page - Exar Corporation SP213EEA-L Datasheet HTML 3Page - Exar Corporation SP213EEA-L Datasheet HTML 4Page - Exar Corporation SP213EEA-L Datasheet HTML 5Page - Exar Corporation SP213EEA-L Datasheet HTML 6Page - Exar Corporation SP213EEA-L Datasheet HTML 7Page - Exar Corporation SP213EEA-L Datasheet HTML 8Page - Exar Corporation SP213EEA-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
FEATuRES
The SP207E, SP208E, SP211E and
SP213E multi–channeltransceiversfitmost
RS-232/V.28communicationneeds.Allof
thesedevicesfeaturelow–powerCMOScon-
struction and
ExAR–proprietary on-board
charge pump circuitry to generate RS-232
signal-voltages, making them ideal for appli-
cations where +9V and -9V supplies are not
available.Thehighlyefficientchargepump
is optimized to use small and inexpensive
0.µFchargepumpcapacitors,savingboard
space and reducing overall circuit cost.
Each device provides a different driver/
receiver combination to match standard
application requirements. The
SP207E is
a 5-driver, 3-receiver device, ideal for DCE
applications such as modems, printers or
other peripherals.
SP208Eisa4-driver/4-
receiver device, ideal for providing hand-
shaking signals in V.35 applications or other
general-purpose serial communications.
The
SP211E and SP213E are each 3-driver,
5-receiver devices ideal for DTE serial ports
on a PC or other data-terminal equipment.
The
SP211E and SP213E feature a low–
powershutdownmode,whichreducespower
supply drain to µA. The
SP213E includes a
Wake-Upfunctionwhichkeepstworeceivers
activeintheshutdownmode,unlessdisabled
by the EN pin.
Thefamilyisavailablein28and24pinSO
(wide)andSSOP(shrink)smalloutlinepack-
ages.Devicescanbespecifiedforcommer-
cial(0˚Cto+70˚C)andindustrial/extended
(–40˚Cto+85˚C)operatingtemperatures.
THEORY OF OPERATION
Exar RS-232 transceivers contain three
basiccircuitblocks—a)transmitter/driver,
b) receiver and c) the
ExAR–proprietary
charge pump.
SP211E and SP213E also
include SHUTDOWN and ENABLE func-
tions.
Transmitter/Drivers
The drivers are single-ended inverting trans-
mitters,whichaccepteitherTTLorCMOS
inputs and output the RS-232 signals with
an inverted sense relative to the input logic
levels. Should the input of the driver be left
open, an internal pullup to VCC forces the
input high, thus committing the output to a
logic- (MARK) state. The slew rate of the
transmitter output is internally limited to a
maximum of 30V/µs in order to meet the
EIA/RS-232andITUV.28standards.The
transition of the output from high to low also
meets the monotonicity requirements of the
standard even when loaded. Driver output
voltage swing is ±7V (typical) with no load,
and ±5V or greater at maximum load. The
transmitter outputs are protected against
infinite short–circuits to ground without
degradation in reliability.
The drivers of the
SP211E, and SP213E
canbetri–statedbyusingtheSHUTDOWN
function. In this “power-off” state the charge
pump is turned off and V
CC current drops to
µA typical. Driver output impedance will
remain greater than 300Ω, satisfying the
RS-232andV.28specifications.For
SP211E
SHUTDOWNisactivewhenpin25isdriven
high. For
SP213ESHUTDOWNisactive
when pin 25 is driven low.
Receivers
The receivers convert RS-232 level input
signalstoinvertedTTLlevelsignals.Because
signals are often received from a transmis-
sion line where long cables and system
interference can degrade signal quality, the
inputs have enhanced sensitivity to detect
weakened signals. The receivers also fea-
ture a typical hysteresis margin of 500mV for
cleanreceptionofslowlytransitioningsignals
in noisy conditions. These enhancements
ensure that the receiver is virtually immune
to noisy transmission lines.


Similar Part No. - SP213EEA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP213EEA SIPEX-SP213EEA Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
SP213EEA SIPEX-SP213EEA Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
More results

Similar Description - SP213EEA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP211EHE EXAR-SP211EHE Datasheet
994Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com