Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1021 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA1021
Description  FM RADIO RECEIVER FOR PORTABLE SYSTEM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1021 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA1021 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SA1021
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.07.31
Http: www.silan.com.cn
Page 2 of 7
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Min.
Max.
Unit
Supply Voltage(pin 4)
Vp= V4-3
--
7.0
V
Oscillator Voltage
V5-4
Vp-0.5
Vp+0.5
V
Operating Ambient Temperature Range
Tamb
-10
+70
°C
Storage Temperature Range
Tstg
-55
+150
°C
QUICK REFERENCE DATA
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage (pin 4)
Vp= V4-3
1.8
--
6.0
V
Supply Current
I4
--
6.3
--
mA
RF Input Frequency
frf
1.5
--
110
MHz
Sensitivity (e.m.f.) for –3 dB Limiting
EMF
--
4
--
µV
Signal Handling (e.m.f.)
EMF
--
200
--
mV
AF Output Voltage
Vo
Vp=3V
Sourceimpedance=75
Ω;Mut
e disabled
Source impedance=75
--
90
--
mV
THERMAL RESISTANCE
From junction to ambient
Rth j-a 300 K/W
DC ELECTRICAL CHARACTERISTICS(Tamb=25°C,Vp=3V , Unless otherwise specified)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Supply Voltage(pin 4)
Vp= V4-3
--
1.8
3.0
6.0
V
Supply Current
I4
Vp=3V
--
6.3
--
mA
Oscillator current
I5
--
--
250
--
µA
Voltage at Pin 13
V13-3
--
--
0.9
--
V
Output Voltage(pin 14)
V14-3
--
--
1.3
--
V
AC ELECTRICAL CHARACTERISTICS(MONO OPERATION)Tamb=25°C, Vp=3V,mea sured in Fig.5,
frf=96MHz modulated with
∆f=±22.5kHz, fm=1kHz, EMF=0.3mV (e.m.f. at a source impedance of 75Ω), r.m.s.
noise voltage measured unweighted (f=300Hz to 20kHz), Unless otherwise specified
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
for –3 dB limiting
EMF
--
4.0
--
µV
for –3 dB muting
EMF
--
5.0
--
µV
Sensitivity
(e.m.f.)
for (S+N)/N=26dB
EMF
See Fig.3
Muting disabled
--
7.0
--
µV
Signal Handling (e.m.f.)
EMF
THD<10%,
∆f=±75kHz
--
200
--
mV
Signal-to-noise Ratio
(S+N)/N
--
--
60
--
dB
∆f=22.5kHz
--
0.7
--
%
Total Harmonic Distortion
THD
∆f=±75kHz
--
2.3
--
%
To be continued


Similar Part No. - SA1021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA102 ETC2-SA102 Datasheet
138Kb / 3P
   Universal Programmers
logo
Cyntec Co., Ltd.
SA10200542 CYNTEC-SA10200542 Datasheet
1Mb / 7P
   SA10200542, The Platinum Resistance temperature sensor (PT-RTD)
SA10201521 CYNTEC-SA10201521 Datasheet
1Mb / 7P
   SA10201521, The Platinum Resistance temperature sensor (PT-RTD)
SA10260539 CYNTEC-SA10260539 Datasheet
1Mb / 7P
   SA10260539, The Platinum Resistance temperature sensor (PT-RTD)
logo
AVX Corporation
SA102A100JAR AVX-SA102A100JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Similar Description - SA1021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
   FM/AM Radio Receiver System
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
   FM FRONT END FOR PORTABLE RADIO
logo
Silan Microelectronics ...
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon Laboratories
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com