Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4V3BCC Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # 4V3BCC
Description  Silicon Epitaxial Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

4V3BCC Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  4V3BCC Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 4V3BCC Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 4V3BCC Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 18/07/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Maximum Dynamic
Resistance
Maximum Standing
Dynamic Resistance
Maximum Reverse
Leakage Current
Type
Min. (V)
Max. (V)
at lZT (mA)
ZZT (Ω)
at lZT (mA)
ZZK (Ω)
at lZK (mA)
IR (µA)
at VR (V)
13BCA
12.18
12.71
10
14
10
110
0.5
0.2
10
13BCB
12.59
13.16
10
14
10
110
0.5
0.2
10
13BCC
13.03
13.62
10
14
10
110
0.5
0.2
10
15BC
13.8
15.6
10
16
10
110
0.5
0.2
11
15BCA
13.48
14.09
10
16
10
110
0.5
0.2
11
15BCB
13.95
14.56
10
16
10
110
0.5
0.2
11
15BCC
14.42
15.02
10
16
10
110
0.5
0.2
11
16BC
15.3
17.1
10
18
10
150
0.5
0.2
12
16BCA
14.87
15.5
10
18
10
150
0.5
0.2
12
16BCB
15.33
15.96
10
18
10
150
0.5
0.2
12
16BCC
15.79
16.5
10
18
10
150
0.5
0.2
12
18BC
16.8
19.1
10
23
10
150
0.5
0.2
13
18BCA
16.34
17.06
10
23
10
150
0.5
0.2
13
18BCB
16.9
17.67
10
23
10
150
0.5
0.2
13
18BCC
17.51
18.3
10
23
10
150
0.5
0.2
13
20BC
18.8
21.6
10
28
10
200
0.5
0.2
15
20BCA
18.11
18.92
10
28
10
200
0.5
0.2
15
20BCB
18.73
19.57
10
28
10
200
0.5
0.2
15
20BCC
19.38
20.22
10
28
10
200
0.5
0.2
15
20BCD
19.88
20.72
10
28
10
200
0.5
0.2
15
22BC
20.8
23.3
5
30
5
200
0.5
0.2
17
22BCA
20.23
21.08
5
30
5
200
0.5
0.2
17
22BCB
20.76
21.65
5
30
5
200
0.5
0.2
17
22BCC
21.22
22.09
5
30
5
200
0.5
0.2
17
22BCD
21.68
22.61
5
30
5
200
0.5
0.2
17
24BC
22.8
25.6
5
35
5
200
0.5
0.2
19
24BCA
22.26
23.12
5
35
5
200
0.5
0.2
19
24BCB
22.75
23.73
5
35
5
200
0.5
0.2
19
24BCC
23.29
24.27
5
35
5
200
0.5
0.2
19
24BCD
23.81
24.81
5
35
5
200
0.5
0.2
19
27BC
25.1
28.9
5
45
5
250
0.5
0.2
21
27BCA
24.26
25.52
5
45
5
250
0.5
0.2
21
27BCB
24.97
26.26
5
45
5
250
0.5
0.2
21
27BCC
25.63
26.95
5
45
5
250
0.5
0.2
21
27BCD
26.29
27.64
5
45
5
250
0.5
0.2
21
30BC
28
32
5
55
5
250
0.5
0.2
23
30BCA
26.99
28.39
5
55
5
250
0.5
0.2
23
30BCB
27.7
29.13
5
55
5
250
0.5
0.2
23
30BCC
28.36
29.82
5
55
5
250
0.5
0.2
23
30BCD
29.02
30.51
5
55
5
250
0.5
0.2
23
33BC
31
35
5
65
5
250
0.5
0.2
25
33BCA
29.68
31.22
5
65
5
250
0.5
0.2
25
33BCB
30.32
31.88
5
65
5
250
0.5
0.2
25
33BCC
30.9
32.5
5
65
5
250
0.5
0.2
25
33BCD
31.49
33.11
5
65
5
250
0.5
0.2
25
1) Tested with pulse tp = 20 ms


Similar Part No. - 4V3BCC

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
4V3BS SEMTECH_ELEC-4V3BS Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
4V3BSA SEMTECH_ELEC-4V3BSA Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
4V3BSB SEMTECH_ELEC-4V3BSB Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
4V3BSC SEMTECH_ELEC-4V3BSC Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - 4V3BCC

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com