Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1787 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SA1787
Description  SINGLE-CHIP TUNER IC FOR CAR RADIOS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1787 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA1787 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SA1787
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.08.29
Http://www.silan.com.cn
Page 4 of 19
Characteristics
Symbol
Test conditions
Min.
Typ. Max.
Unit
Main Total Harmonic
Distortion
THD-Main L
10.7 MHz, 100 dBµ, L+R = 90%, pilot =
10%. Signal at pin 15
0.2
1.2
%
Pilot Cancellation
PCAN
10.7 MHz, 100 dBµ, pilot = 10%.
The pin 15 signal/the pilot level leakage.
DIN audio
20
30
dB
SNC Output Attenuation
AttSNC
10.7 MHz, 100 dBµ, L-R = 90%, pilot =
10%.
V28 = 3 V
0.6 V, pin 15
1
6
9
dB
AttHCC-1
10.7 MHz, 100 dBµ, 10 kHz, L+R = 90%,
pilot = 10%.
V29 = 3 V
0.6 V, pin 15
0.5
4.5
8.5
dB
HCC Output Attenuation
AttHCC-2
10.7 MHz, 100 dBµ, 10 kHz, L+R = 90%,
pilot = 10%. V29 = 3 V 0.1 V, pin 15
6
10
14
dB
Input Limiting Voltage
Vi-lim
100 dBµ, 10.7 MHz, 30% modulation.
The IF input, output voltage reduces by
3 dB
33
40
47
dBµ
Muting Sensitivity
Vi-mute
The IF input level (unmodulated) when
V33 = 2 V
27
35
43
dBµ
SD-sen1 FM
The IF input level (unmodulated) (over
100 mV rms) , the IF counter buffer
output is turned on
54
63
70
dBµ
SD Sensitivity
SD-sen2 FM
54
62
70
dBµ
IF Counter Buffer Output VIFBUFF-FM
10.7 MHz, 100 dBµ, unmodulated. Output
at pin 23
120
170
250 mVrms
VSM FM-1
No input. DC output at pin 24,
unmodulated
0.0
0.2
0.4
V
VSM FM-2
50 dBµ. DC output at pin 24,
unmodulated
0.4
1.3
1.6
V
VSM FM-3
70 dBµ. DC output at pin 24,
unmodulated
2.0
2.7
3.5
V
Signal Meter Output
VSM FM-4
100 dBµ. DC output at pin 24,
unmodulated
4.7
5.0
5.5
V
Muting Bandwidth
BW-mute
100 dBµ. The bandwidth when V33 = 2 V,
unmodulated
150
220
290
kHz
Mute Drive Output
VMUTE-100
100 dBµ, 0 dBµ. DC output at pin 33,
unmodulated
0.00
0.10
0.20
V
[FM FE Mixer Input]
N-AGC on Input
VN-AGC
83 MHz, unmodulated.
The input such that the pin 2 voltage is
2.0 V or below
79
88
99
dBµ


Similar Part No. - SA1787

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SA17 CHENDA-SA17 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA17 PANJIT-SA17 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA17 FCI-SA17 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA17 TSC-SA17 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA17 CHONGQING-SA17 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA1787

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com