Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5358S718X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5358S718X
Description  2MHz, 500mA, SC70 Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5358S718X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5358S718X Datasheet HTML 1Page - Fairchild Semiconductor FAN5358S718X Datasheet HTML 2Page - Fairchild Semiconductor FAN5358S718X Datasheet HTML 3Page - Fairchild Semiconductor FAN5358S718X Datasheet HTML 4Page - Fairchild Semiconductor FAN5358S718X Datasheet HTML 5Page - Fairchild Semiconductor FAN5358S718X Datasheet HTML 6Page - Fairchild Semiconductor FAN5358S718X Datasheet HTML 7Page - Fairchild Semiconductor FAN5358S718X Datasheet HTML 8Page - Fairchild Semiconductor FAN5358S718X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5358 • Rev. 1.0.1
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings
are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VIN
Input Voltage with Respect to GND
-0.3
6.0
V
Voltage on Any Other Pin with Respect to GND
-0.3
VIN +0.3V
(2)
V
TJ
Junction Temperature
-40
+150
°C
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Temperature (Soldering 10 Seconds)
+260
°C
ESD
Electrostatic Discharge Protection Level
Human Body Model,
JESD22-A114
2
kV
Charged Device Model,
JESD22-C101
1
Note:
2.
Lesser of 6.0V or VIN + 0.3V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding
them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Supply Voltage Range
2.7
5.5
V
IOUT
Output Current
0
500
mA
L
Inductor
2.2
µH
CIN
Input Capacitor
2.2
µF
COUT
Output Capacitor
(3)
4.7
µF
TA
Operating Ambient Temperature
–40
+85
°C
TJ
Operating Junction Temperature
–40
+125
°C
Thermal Properties
Symbol
Parameter
Min.
Typ.
Max.
Units
ΘJA
Junction-to-Ambient Thermal Resistance
(4)
285
°C/W
Note:
3.
Refer to Operation Description section for guidance on maximum COUT capabilities.
4.
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer
2s2p boards in accordance to JESD51- JEDEC standard. Special attention must be paid not to exceed junction
temperature TJ(max) at a given ambient temperate TA.


Similar Part No. - FAN5358S718X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5358S718X FAIRCHILD-FAN5358S718X Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
More results

Similar Description - FAN5358S718X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5358 FAIRCHILD-FAN5358_10 Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com