Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4800ANY Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN4800ANY
Description  PFC/PWM Controller Combination
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800ANY Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN4800ANY Datasheet HTML 4Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 5Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 6Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 7Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 8Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 9Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 10Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 11Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800A/C, FAN4801/1S/2/2L • Rev. 1.0.2
8
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
30
V
VH
SS, FBPWM, RAMP, OPWM, OPFC
-0.3
30.0
V
VL
IAC, VRMS, RT/CT, ILIMIT, FBPFC, VEA
-0.3
7.0
V
VVREF
VREF
7.5
V
VIEA
IEA
0
VVREF+0.3
V
VN
ISENSE
-5.0
0.7
V
IAC
Input AC Current
1
mA
IREF
VREF Output Current
5
mA
IPFC-OUT
Peak PFC OUT Current, Source or Sink
0.5
A
IPWM-OUT
Peak PWM OUT Current, Source or Sink
0.5
A
PD
Power Dissipation TA < 50°C
800
mW
DIP
80.80
°C/W
RΘ j-a
Thermal Resistance (Junction-to-Air)
SOP
104.10
°C/W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature(Soldering)
+260
°C
Human Body Model, JESD22-A114
4.5
kV
ESD
Electrostatic Discharge
Capability
Charged Device Model, JESD22-C101
1000
V
Notes:
1.
All voltage values, except differential voltage, are given with respect to GND pin.
2.
Stresses beyond those listed under “absolute maximum ratings “may cause permanent damage to the device.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Similar Part No. - FAN4800ANY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800ANY FAIRCHILD-FAN4800ANY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results

Similar Description - FAN4800ANY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com