Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7264 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SA7264
Description  2CH AUDIO POWER AMPLIFIER(25W X2 )
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7264 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SA7264 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7264 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7264 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7264 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7264 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7264 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA7264 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SA7264 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SA7264 Datasheet HTML 12Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SA7264
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.05.25
Http: www.silan.com.cn
Page 10 of 13
PC BOARD AND COMPINENTS LAYOUT OF SA7264B
APPLICATION SUGGEST
The recommended values of the external components are those shown are the Typical Application Circuit
COMPONENTS
RECOMMENDED
VALUE
PURPOSE
LARGERTHAN
RECOMMENDED VALUE
SMALLER THAN
RECOMMENDED VALUE
R1
10K
Mute Circuit
Increase of Dz
Biasing Current
R2
15K
Mute Circuit
VMUTE/STBY
Shifted
Downward
VMUTE/STBY
Shifted
Upward
R3
18K
Mute Circuit
VMUTE/STBY
Shifted
Upward
VMUTE/STBY
Shifted
Downward
R4
15K
Mute Circuit
VMUTE/STBY
Shifted
Upward
VMUTE/STBY
Shifted
Downward
R5, R6
4.7
Frequency
Stability
Danger of Oscillations
Danger of Oscillations
(To be continued)


Similar Part No. - SA7264

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7265A SILAN-SA7265A Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7267 SILAN-SA7267 Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
SA7267A SILAN-SA7267A Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
SA7269 SILAN-SA7269 Datasheet
312Kb / 10P
   2CH AUDIO POWER AMPLIFIER(10W X2)
More results

Similar Description - SA7264

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
   2CH AUDIO POWER AMPLIFIER(1W X2)
SA7269 SILAN-SA7269 Datasheet
312Kb / 10P
   2CH AUDIO POWER AMPLIFIER(10W X2)
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8246H TOSHIBA-TA8246H Datasheet
370Kb / 10P
   DUAL AUDIO POWER AMPLIFIER 6W x 2CH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com