Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7347 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SA7347
Description  4CH AUDIO POWER AMPLIFIER(8W X4)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7347 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA7347 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SA7347
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.1
2007.07.27
Http: www.silan.com.cn
Page 5 of 9
protection circuit will start to switch off the bias of channel when local temperature reaches approximately 185
°C
or global temperature reaches approximately 150
°C. As a result, there is low dissipating in the chip. It starts
operating again when the chip temperature drop to same value below the die temperature. But if the temperature
again begins to rise, the SA7347 shuts down again. The process will not stop until the local temperature is under
185
°C and the global temperature is under 150°C.
This protects the SA7347 against shorts to ground, to the supply voltage and across the load, and against too
high chip temperatures. However, not that there are abnormal events as shorts to ground, to the supply voltage
and across the load in the chip, the protection circuit should start-up. In fact, just as much as the temperature
does not exceed the critical level, the protection circuit will not operate.
Power Dissipation and Heat Sinking
Proper heat sinking is necessary to ensure that SA7347 will function correctly under all operating conditions. A
heat sink that is too small will cause the die to heat excessively and will result in a degraded output signal as the
thermal protection circuitry begins to operate.
In order to determine the appropriate heat sink for a given application, the power dissipation of the SA7347 in
that application must be known. When the load is resistive, the maximum average power that the IC will be
required to dissipate is approximately:
PD(MAX)=4*VS
2/(2
π2RL)+PQ
Where VS is the total power supply voltage across the SA7347, RL is the load resistance; PQ is the quiescent
power dissipation of the amplifier. The above equation is only an approximation which assumes an “ideal”class B
output stage and constant power dissipation in all other parts of the circuit. As an example, if the SA7347 is
operated on a 15V power supply with a resistive load of 4
Ω, it can develop up to 13.5W of internal power
dissipation. If the die temperature is to remain below 150
°C for ambient temperatures up to 60°C, the total
junction-to-ambient thermal resistance must be less than:
(150
°C 60°C)/13.5W 6.7°C /W
Using Rth(j-c) = 1.3
°C /W, the sum of the case-to-heat-sink interface thermal resistance and the heat-sink-to-
ambient thermal resistance must be less than 5.4
°C/W. The case-to-heat-sink thermal resistance of the HSIP-15
package varies with the mounting method used. A metal-to-metal interface will be about 1
°C /W if lubricated, and
about 1.5
°C /W if dry.
6.7
°C /W-1.3°C /W-1°C /W 4.4°C /W
The thermal requirements can become more difficult when an amplifier is driving a reactive load. For a given
magnitude of load impedance, a higher degree of reactance will cause a higher level of power dissipation within
the amplifier. As a general rule, the power dissipation of an amplifier driving a 60º reactive load (usually
considered to be a worst-case loudspeaker load) will be roughly that of the same amplifier driving the resistive
part of that load. For example, a loudspeaker may at some frequency have an impedance with a magnitude of 8
and a phase angle of 60º. The real part of this load will then be 4
Ω, and the amplifier power dissipation will
roughly follow the curve of power dissipation with a 4
Ω load.


Similar Part No. - SA7347

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SA7 RECTRON-SA7 Datasheet
314Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA7 RECTRON-SA7 Datasheet
136Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
logo
Shanghai Semitech Semic...
SA7.0 SEMITECH-SA7.0 Datasheet
244Kb / 6P
   Uni-directional Versions Available
logo
Pan Jit International I...
SA7.0 PANJIT-SA7.0 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA7.0 PANJIT-SA7.0 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
More results

Similar Description - SA7347

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
   8W AUDIO AMPLIFIER
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM2879 NSC-LM2879 Datasheet
171Kb / 8P
   LM2879 Dual 8W Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
   8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
CS8505E YONGFUKANG-CS8505E Datasheet
230Kb / 7P
   8W Mono Class AB Fully Differential Audio Power Amplifier
TDA7266SA YONGFUKANG-TDA7266SA Datasheet
226Kb / 5P
   Dual 8W Bridge Audio Amplifier Circuit - TDA7266SA
logo
Shenzhen Huazhimei Semi...
HM8872 HMSEMI-HM8872 Datasheet
408Kb / 8P
   8W single channel class F wide voltage audio power amplifier
logo
List of Unclassifed Man...
UPC1185H2 ETC2-UPC1185H2 Datasheet
46Kb / 1P
   Power Amplifier 5, 8W
logo
STMicroelectronics
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
   8W8W15W TRIPLE AMPLIFIER
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
   8W8W15W TRIPLE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com