Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7616 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7616 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP7616 Datasheet HTML 2Page - Exar Corporation SP7616 Datasheet HTML 3Page - Exar Corporation SP7616 Datasheet HTML 4Page - Exar Corporation SP7616 Datasheet HTML 5Page - Exar Corporation SP7616 Datasheet HTML 6Page - Exar Corporation SP7616 Datasheet HTML 7Page - Exar Corporation SP7616 Datasheet HTML 8Page - Exar Corporation SP7616 Datasheet HTML 9Page - Exar Corporation SP7616 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
S
SP
P7
76
61
16
6
H
Hiig
gh
h A
Ac
cc
cu
urra
ac
cy
y 4
4--C
Ch
ha
an
nn
ne
ell L
Lo
ow
w S
Siid
de
e L
LE
ED
D D
Drriiv
ve
err ffo
orr
C
CC
CF
FL
L R
Re
ep
plla
ac
ce
em
me
en
ntt
© 2009 Exar Corporation
6/11
Rev. 2.0.4
PWM Signal
VLED (Cathode Voltage)
ILED 20mA/DIV
PWM Response 5kHz 50% Duty Cycle
PWM Response 5kHz 90% Duty Cycle
0
5
10
15
20
25
30
35
5
1015
2025
3
Vin
0
PWM Response 5kHz 10% Duty Cycle
Typical Shutdown Current vs Input Voltage
0
10
20
30
40
50
60
70
0
0.2
0.4
0.6
0.8
1
V LED (Cathode Voltage)
Typical Dropout Performance


Similar Part No. - SP7616

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7616 SIPEX-SP7616 Datasheet
572Kb / 9P
   High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
SP7616 SIPEX-SP7616 Datasheet
67Kb / 4P
   Evaluation Board Manual
SP7616EB SIPEX-SP7616EB Datasheet
67Kb / 4P
   Evaluation Board Manual
SP7616ER-L SIPEX-SP7616ER-L Datasheet
572Kb / 9P
   High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
SP7616ER-L/TR SIPEX-SP7616ER-L/TR Datasheet
572Kb / 9P
   High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
More results

Similar Description - SP7616

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7616 SIPEX-SP7616 Datasheet
572Kb / 9P
   High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
logo
Maxic Technology Corpor...
MT7955 MAXIC-MT7955 Datasheet
183Kb / 1P
   High Accuracy, Primary-side AC-DC LED Driver
MT7955L MAXIC-MT7955L Datasheet
185Kb / 1P
   High Accuracy, Primary-side AC-DC LED Driver
MT7952 MAXIC-MT7952 Datasheet
182Kb / 1P
   High Accuracy, Primary-side AC-DC LED Driver
MT7958 MAXIC-MT7958 Datasheet
183Kb / 1P
   High Accuracy, Primary-side AC-DC LED Driver
MT7950H MAXIC-MT7950H Datasheet
182Kb / 1P
   High Accuracy, Primary-side AC-DC LED Driver
logo
Zetex Semiconductors
AN44 ZETEX-AN44 Datasheet
117Kb / 6P
   A high power LED driver for low voltage halogen replacement
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
TLE7231G INFINEON-TLE7231G Datasheet
556Kb / 30P
   SPIDER - 4 channel low side driver
Rev. 1.0, February 2008
TLE92464EDHP INFINEON-TLE92464EDHP Datasheet
4Mb / 97P
   High accuracy four channel low-side solenoid driver IC Quality Requirement Category: Automotive
Rev. 1.0 2021-12-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com