Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC23R01 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC23R01
Description  8KBIT CONTACTLESS IC CARD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC23R01 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC23R01 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC23R01 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC23R01 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC23R01 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC23R01 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC23R01 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SC23R01
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.10.31
Http: www.silan.com.cn
Page 3 of 7
2. Instruction
Commands
Code(hex)
Request standby card
26
Request all the cards in the operating range
52
Anti-collision
93
Select card
93
Authentication key A
60
Authentication key B
61
Read
30
Write
A0
Increment
C1
Decrement
C0
Restore
C2
Transfer
B0
Halt
50
3. Data integrity
In the contactless communication, the following measures ensure the data transmission:
l anti-collision
l 16 bits CRC error correction for each frame


Similar Part No. - SC23R01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC23-11 ETC-SC23-11 Datasheet
769Kb / 6P
   57 MM SINGLE DIGIT NUMERIC DISPLA
logo
Kingbright Corporation
SC23-11EWA KINGBRIGHT-SC23-11EWA Datasheet
236Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-11SRWA KINGBRIGHT-SC23-11SRWA Datasheet
234Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-11YWA KINGBRIGHT-SC23-11YWA Datasheet
236Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
List of Unclassifed Man...
SC23-12 ETC-SC23-12 Datasheet
769Kb / 6P
   57 MM SINGLE DIGIT NUMERIC DISPLA
More results

Similar Description - SC23R01

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC23M28 SILAN-SC23M28 Datasheet
303Kb / 10P
   8KBIT MEMORY CARD IC
logo
SHENZHEN FUMAN ELECTRON...
FMXC50 FUMAN-FMXC50 Datasheet
1,004Kb / 18P
   Contactless IC
logo
NXP Semiconductors
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
   MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com