Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5272 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC5272
Description  REMOTE CONTROL DECODER PAIRED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5272 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC5272 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SC5272
a
4a
12a
12a
4a
32a
OSC
bit "0"
bit "1"
bit "f"
Where: a = oscillating clock period .
Bit “ f ” is only available for address bits.
The Synchronous bit waveform is 4 bits long with 1/8 bit width pulse. Please refer to the diagram below:
1/8 bit width=4a
4 bit width=128a
Note: 1bit =32a
Code word
A group of Code Bits is called a Code Word. A Code Word consists of 12 AD bits followed by one Sync. Bit.
The 12 AD bits are interpreted as either address or data bits depending on the SC5272 version used. Please
refer to the diagram below:
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
SYNC
Single Resistor Oscillator
The Build-in oscillator circuitry of SC5272 allows a precision oscillator to be constructed by connecting an
external resistor between OSC1 and OSC2 pins. For SC5272 to decode correctly the received waveform, the
oscillator frequency of SC5272 must be 2.5 ~8 times that of transmitting SC5262. It is a good practice to center
the SC5272 oscillator frequency in the window to gain best window margin at both sides. The typical oscillator
frequency with various resistor values for both SC5262 and SC5272 are shown below:
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.02.22
Http://www.silan.com.cn
Page 5 of 13


Similar Part No. - SC5272

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
SC5272D-L0 ETC-SC5272D-L0 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
SC5272D-L1 ETC-SC5272D-L1 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
SC5272D-L2 ETC-SC5272D-L2 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
SC5272D-L3 ETC-SC5272D-L3 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
More results

Similar Description - SC5272

ManufacturerPart #DatasheetDescription
logo
Silvan Chip Electronics...
SC2260R4 SILVAN-SC2260R4 Datasheet
109Kb / 2P
   remote control encoder paired
SC2262 SILVAN-SC2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
SamHop Microelectronics...
SM5212D SAMHOP-SM5212D Datasheet
40Kb / 8P
   SM5212D is a remote control decoder paired with SM5212E utilizing CMOS Technology.
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
SamHop Microelectronics...
SM5162 SAMHOP-SM5162 Datasheet
60Kb / 12P
   RF remote control encoder paired with SM5172.
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com