Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5399B Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC5399B
Description  ECHO SOUND EFFECT PROCESSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5399B Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

  SC5399B Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5399B Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5399B Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5399B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5399B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5399B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5399B Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SC5399
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 7 of 7
HANDLING MOS DEVICES:
Electrostatic charges can exist in many things. All of our MOS devices are internally protected against
electrostatic discharge but they can be damaged if the following precautions are not taken:
• Persons at a work bench should be earthed via a wrist strap.
• Equipment cases should be earthed.
• All tools used during assembly, including soldering tools and solder baths, must be earthed.
• MOS devices should be packed for dispatch in antistatic/conductive containers.


Similar Part No. - SC5399B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC53-100 BEL-SC53-100 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC53-101 BEL-SC53-101 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC53-102 BEL-SC53-102 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC53-120 BEL-SC53-120 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC5399B

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8335 AGAMEM-AA8335 Datasheet
230Kb / 8P
   SOUND EFFECT PROCESSOR
logo
List of Unclassifed Man...
CD2399GP ETC2-CD2399GP Datasheet
482Kb / 5P
   Echo Processor
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
   ECHO PROCESSOR IC
logo
Princeton Technology Co...
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
   Echo Processor IC
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
   Echo/Surround Processor
PT2399 PTC-PT2399 Datasheet
81Kb / 5P
   Echo Processor IC
logo
List of Unclassifed Man...
G21A21 ETC2-G21A21 Datasheet
6Mb / 11P
   2-Channel Digital Sound Effect Processor
logo
Sony Corporation
CXA1644P SONY-CXA1644P Datasheet
222Kb / 11P
   ECHO EFFECT GENERATOR
logo
List of Unclassifed Man...
TP5208 ETC1-TP5208 Datasheet
102Kb / 7P
   64K SRAM ECHO PROCESSOR
ES56030 ETC-ES56030 Datasheet
236Kb / 11P
   ECHO SOUD PROCESSOR (8K)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com