Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC46166 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC46166
Description  300mA ,500KHZ HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC46166 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC46166 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC46166 Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SC46166
HANDLING MOS DEVICES:
Electrostatic charges can exist in many things. All of our MOS devices are internally protected against
electrostatic discharge but they can be damaged if the following precautions are not taken:
• Persons at a work bench should be earthed via a wrist strap.
• Equipment cases should be earthed.
• All tools used during assembly, including soldering tools and solder baths, must be earthed.
• MOS devices should be packed for dispatch in antistatic/conductive containers.
Note: Silan reserves the right to make changes without notice in this specification for the improvement of the design and performance.
Silan will supply the best possible product for customers.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.04
Http://www.silan.com.cn
Page 10 of 11


Similar Part No. - SC46166

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
   EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC4611 SEMTECH-SC4611 Datasheet
255Kb / 11P
   Wide Input Range High Performance Synchronous Buck Switching Regulator
SC4611ITSTRT SEMTECH-SC4611ITSTRT Datasheet
255Kb / 11P
   Wide Input Range High Performance Synchronous Buck Switching Regulator
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
SC4612EVB SEMTECH-SC4612EVB Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
More results

Similar Description - SC46166

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1325 AMSCO-AS1325 Datasheet
1,012Kb / 17P
   300mA Step-Up DC-DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
First Components Intern...
FT1301 FCI-FT1301 Datasheet
296Kb / 8P
   300mA High Efficiency and Low Voltage Step-up DC to DC Converter
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com