Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC46208 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC46208
Description  1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC46208 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC46208 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SC46208
TYPICAL ELECTRICAL CHARACTERISTICS CURVES (Tamb=25°C, unless otherwise specified)
Output Voltage VS Load Current
Load Current(mA)
1.844
1.784
1.804
1.814
1.824
1.834
0
900
100 200 300 400 500
700
1.794
1.774
600
800
VIN=3.6V
TA=25 C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.09.10
Http://www.silan.com.cn
Page 9 of 11
SC46208 Load Step
20mS/DIV
VOUT
100mV/DIV
AC COUPLED
VIN=3.6V
VOUT=1.8V
ILOAD=50mA to 600mA
IL
500mA/DIV
ILOAD
500mA/DIV
Output Ripple Voltage
VOUT
(5mV/DIV)
Time(500ns/DIV)
SW
(5V/DIV)
IL
(500mA/DIV)
VIN=3.6V
VOUT=1.2V
ILOAD=600mA


Similar Part No. - SC46208

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620EVB-MLPQ SEMTECH-SC4620EVB-MLPQ Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620EVB-MLPQ SEMTECH-SC4620EVB-MLPQ Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620MLTRT SEMTECH-SC4620MLTRT Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
More results

Similar Description - SC46208

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8009 RICHTEK-RT8009 Datasheet
272Kb / 13P
   1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com