Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4620812 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC4620812
Description  1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC4620812 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC4620812 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC4620812 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC4620812 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC4620812 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC4620812 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC4620812 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC4620812 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC4620812 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC4620812 Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SC46208
Setting The Output Voltage
For voltage adjustable version, SC46208 adjusts the output voltage through two serial resistors, refer to fig.
below. We can calculate the output voltage through the following equation:
)X0.6V
R2
R1
(1
VOUT
+
=
The selection of resistor R1, R2 should give attention to the quiescent power and external interfere. Higher
impedance reduces the quiescent current (I=0.6V/R2), and lower resistance gives better noise immunity, and is
less sensitive to interference, layout parasitics and FB node leakage current. A proper value of feed-forward
capacitor C1 can improve the noise immunity of the feedback loops, especially in an improper layout.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.09.10
Http://www.silan.com.cn
Page 6 of 11


Similar Part No. - SC4620812

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620EVB-MLPQ SEMTECH-SC4620EVB-MLPQ Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620EVB-MLPQ SEMTECH-SC4620EVB-MLPQ Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620MLTRT SEMTECH-SC4620MLTRT Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
More results

Similar Description - SC4620812

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8009 RICHTEK-RT8009 Datasheet
272Kb / 13P
   1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com