Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD5N53 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD5N53
Description  N-Channel MOSFET 530V, 4A, 1.5廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N53 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD5N53 Datasheet HTML 1Page - Fairchild Semiconductor FDD5N53 Datasheet HTML 2Page - Fairchild Semiconductor FDD5N53 Datasheet HTML 3Page - Fairchild Semiconductor FDD5N53 Datasheet HTML 4Page - Fairchild Semiconductor FDD5N53 Datasheet HTML 5Page - Fairchild Semiconductor FDD5N53 Datasheet HTML 6Page - Fairchild Semiconductor FDD5N53 Datasheet HTML 7Page - Fairchild Semiconductor FDD5N53 Datasheet HTML 8Page - Fairchild Semiconductor FDD5N53 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FDD5N53/FDU5N53 Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
0.1
1
10
30
0.04
*Notes:
1. 250μs Pulse Test
2. TC = 25
o
C
VGS = 15.0V
10.0V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
20
45
67
8
0.1
1
10
-55
o
C
150
o
C
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
o
C
VGS,Gate-Source Voltage[V]
20
03
69
12
1.0
1.5
2.0
2.5
3.0
*Note: TJ = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.40.8
1.21.6
1
10
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
70
0.1
1
10
0
250
500
750
1000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30
048
12
0
2
4
6
8
10
*Note: ID = 5A
VDS = 100V
VDS = 250V
VDS = 400V
Qg, Total Gate Charge [nC]


Similar Part No. - FDD5N53

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD5N53 ISC-FDD5N53 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD5N53

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5N50NZ FAIRCHILD-FDD5N50NZ Datasheet
519Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.5?
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
logo
Taiwan Semiconductor Co...
TSM4N60E TSC-TSM4N60E Datasheet
1Mb / 7P
   600V, 4A, 2.5廓 N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
logo
Taiwan Semiconductor Co...
TSM4ND65CI TSC-TSM4ND65CI Datasheet
321Kb / 6P
   N-Channel Power MOSFET 650V, 4A, 2.6廓
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
   4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF7N65 TAK_CHEONG-TFF7N65 Datasheet
300Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
TFP7N65 TAK_CHEONG-TFP7N65 Datasheet
321Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com